Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF05F0B Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SPF05F0B
Description  Superior Efficacy & Lumen output with Small Form Factor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPF05F0B Datasheet(HTML) 3 Page - Seoul Semiconductor

  SPF05F0B Datasheet HTML 1Page - Seoul Semiconductor SPF05F0B Datasheet HTML 2Page - Seoul Semiconductor SPF05F0B Datasheet HTML 3Page - Seoul Semiconductor SPF05F0B Datasheet HTML 4Page - Seoul Semiconductor SPF05F0B Datasheet HTML 5Page - Seoul Semiconductor SPF05F0B Datasheet HTML 6Page - Seoul Semiconductor SPF05F0B Datasheet HTML 7Page - Seoul Semiconductor SPF05F0B Datasheet HTML 8Page - Seoul Semiconductor SPF05F0B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.seoulsemicon.com
3
Product Data Sheet
Rev1.2, Sep. 2019
Performance Characteristics
Table 1. Electro-Optical characteristics at 1000mA (Tj=25℃, RH30%)
Notes :
(1) SSC maintains a tolerance of
7% on power measurements.
(2) Tolerance is
0.06V on forward voltage measurements
(3)
Rθ
J-S is tested at 1000mA.
(3) The zener diode is included to protect the product from ESD.
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
-
2500
mA
Junction Temperature
T
j
-
-
125
ºC
Storage Temperature
T
stg
- 10
-
85
ºC
Thermal resistance (J to S) [3]
Rθ
J-S
-
1.4
-
K/W
ESD Sensitivity(HBM) [4]
Class 2 JEDEC JS-001-2017
Table 2. Characteristics
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Red Luminous Flux
[1]
ФV
-
122
-
lm
Green Luminous Flux
[1]
ФV
-
216
-
lm
White Luminous Flux
[1]
ФV
-
302
-
lm
Blue Radiant Power
[1]
-
1321
-
mW
Peak Wavelength
Λp
Red : 632
Green : 518
Blue : 449
Red Dominant Wavelength
Λd
620
625
632
nm
Green Dominant Wavelength
Λd
519
525
531
nm
Blue Dominant Wavelength
Λd
449
453
458
nm
White CIE
-
x : 0.31,
y : 0.32
-
-
Full Width at Half Maximum
Δλ
Red : 19
Green : 36
Blue : 20
Forward Voltage (Red)
[3]
VF
1.85
2.59
2.80
V
Forward Voltage (Green)
[3]
3.00
3.74
4.10
Forward Voltage (Blue)
[3]
3.40
3.80
4.20
Forward Voltage (White)
[3]
3.40
3.79
4.20
View Angle
2Θ ½
120
deg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com