Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB05F0D Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SPB05F0D
Description  Superior Efficacy & Lumen output with Small Form Factor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPB05F0D Datasheet(HTML) 4 Page - Seoul Semiconductor

  SPB05F0D Datasheet HTML 1Page - Seoul Semiconductor SPB05F0D Datasheet HTML 2Page - Seoul Semiconductor SPB05F0D Datasheet HTML 3Page - Seoul Semiconductor SPB05F0D Datasheet HTML 4Page - Seoul Semiconductor SPB05F0D Datasheet HTML 5Page - Seoul Semiconductor SPB05F0D Datasheet HTML 6Page - Seoul Semiconductor SPB05F0D Datasheet HTML 7Page - Seoul Semiconductor SPB05F0D Datasheet HTML 8Page - Seoul Semiconductor SPB05F0D Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.seoulsemicon.com
4
Product Data Sheet
Rev1.2, Sep. 2019
Characteristics Graph
Color Spectrum
Forward Voltage vs. Forward Current, Tj=25℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Red
Green
Blue
White
Forward Current[A]
(IF=1400mA, Tj=25℃, RH30%)
300
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Red
Green
Blue
White
Wavelength [nm]
300
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Blue
Wavelength [nm]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Red
Green
Blue
White
Forward Current[A]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Blue
Forward Current[A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com