Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1180 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # F1180
Description  Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1180 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button F1180 Datasheet HTML 17Page - Integrated Device Technology F1180 Datasheet HTML 18Page - Integrated Device Technology F1180 Datasheet HTML 19Page - Integrated Device Technology F1180 Datasheet HTML 20Page - Integrated Device Technology F1180 Datasheet HTML 21Page - Integrated Device Technology F1180 Datasheet HTML 22Page - Integrated Device Technology F1180 Datasheet HTML 23Page - Integrated Device Technology F1180 Datasheet HTML 24Page - Integrated Device Technology F1180 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Dual Path Lowband RF Receiver
400 MHz to 1100 MHz
Glitch-Free
TM, RF Receiver
21
Rev 1, April 2015
IDTF1130NBGI
Datasheet
MIXER: TYPICAL OPERATING CONDITIONS (- 12 -)
IP1dB vs. Tcase [IP1dBMXR, HS injection]
IP1dB vs. Vcc [IP1dBMXR, HS injection]
IP1dB vs. LO Power [IP1dBMXR, HS injection]
IP1dB vs. Tcase [IP1dBMXR, LS injection]
IP1dB vs. Vcc [IP1dBMXR, LS injection]
IP1dB vs. LO Power [IP1dBMXR, LS injection]
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
-40 C / 5.00 V / 0 dBm / CH A
-40 C / 5.00 V / 0 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+105 C / 5.00 V / 0 dBm / CH A
+105 C / 5.00 V / 0 dBm / CH B
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
+25 C / 4.75 V / 0 dBm / CH A
+25 C / 4.75 V / 0 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+25 C / 5.25 V / 0 dBm / CH A
+25 C / 5.25 V / 0 dBm / CH B
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
+25 C / 5.00 V / -3 dBm / CH A
+25 C / 5.00 V / -3 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+25 C / 5.00 V / +3 dBm / CH A
+25 C / 5.00 V / +3 dBm / CH B
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
-40 C / 5.00 V / 0 dBm / CH A
-40 C / 5.00 V / 0 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+105 C / 5.00 V / 0 dBm / CH A
+105 C / 5.00 V / 0 dBm / CH B
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
+25 C / 4.75 V / 0 dBm / CH A
+25 C / 4.75 V / 0 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+25 C / 5.25 V / 0 dBm / CH A
+25 C / 5.25 V / 0 dBm / CH B
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
+25 C / 5.00 V / -3 dBm / CH A
+25 C / 5.00 V / -3 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+25 C / 5.00 V / +3 dBm / CH A
+25 C / 5.00 V / +3 dBm / CH B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com