Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-5745Z Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # AFCT-5745Z
Description  Family of Single-Mode SFP Transceivers for SONET OC-48 and SDH/STM-16 with Digital Diagnostic Monitoring (DMI) Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-5745Z Datasheet(HTML) 4 Page - Broadcom Corporation.

  AFCT-5745Z Datasheet HTML 1Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 2Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 3Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 4Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 5Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 6Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 7Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 8Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
LASER DRIVER
& SAFETY
CIRCUITRY
50
Ω
50
Ω
AMPLIFICATION
&
QUANTIZATION
50
Ω
50
Ω
Rx_LOS
Tx_FAULT
Tx_FAULT
Tx_DISABLE
TD+
TD–
TX GND
MOD_DEF2
EEPROM
MOD_DEF1
MOD_DEF0
RX GND
4.7 K to 10 K
3.3 V
4.7 K to
10 K
3.3 V
4.7 K to
10 K
4.7 K to
10 K
PROTOCOL
IC
AFCT-5745Z
VCC,T
1 µH
1 µH
10 µF
0.1 µF
3.3 V
VCC,R
4.7 K to 10 K
10 µF
0.1
µF
0.1 µF
4.7 K to 10 K
RD+
RD–
Rx_LOS
100
0.1 µF
0.1 µF
100
0.1 µF
0.1 µF
Tx Dis
PLD
SERDES
1 µH
1 µH
0.1 µF
VCCR
SFP MODULE
10 µF
VCCT
0.1 µF
10 µF
3.3 V
HOST BOARD
0.1 µF
NOTE: INDUCTORS MUST HAVE LESS THAN 1
Ω SERIES RESISTANCE PER MSA.
Figure 3. Recommended Application Configuration
Figure 4. Recommended MSA power supply filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com