Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN1008 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN1008
Description  Silicon controlled rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN1008 Datasheet(HTML) 1 Page - STMicroelectronics

  TYN1008 Datasheet HTML 1Page - STMicroelectronics TYN1008 Datasheet HTML 2Page - STMicroelectronics TYN1008 Datasheet HTML 3Page - STMicroelectronics TYN1008 Datasheet HTML 4Page - STMicroelectronics TYN1008 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - TYN1008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN1008 STMICROELECTRONICS-TYN1008 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
logo
Kersemi Electronic Co.,...
TYN1008 KERSEMI-TYN1008 Datasheet
487Kb / 9P
8A SCRs
logo
STMicroelectronics
TYN1008RG STMICROELECTRONICS-TYN1008RG Datasheet
162Kb / 9P
8A SCRs
Apr-2002
More results

Similar Description - TYN1008

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
Silicon Controlled Rectifiers
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
SILICON CONTROLLED RECTIFIERS
logo
SemiWell Semiconductor
SCP25C60 SEMIWELL-SCP25C60 Datasheet
636Kb / 5P
Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com