Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK3909L Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK3909L
Description  30V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3909L Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK3909L Datasheet HTML 1Page - First Silicon Co., Ltd FTK3909L Datasheet HTML 2Page - First Silicon Co., Ltd FTK3909L Datasheet HTML 3Page - First Silicon Co., Ltd FTK3909L Datasheet HTML 4Page - First Silicon Co., Ltd FTK3909L Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
30V P-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current – Continuous (TC=25℃)
-5.1
A
Drain Current – Continuous (TC=100℃)
-3.2
A
IDM
Drain Current – Pulsed
1
-20.4
A
EAS
Single Pulse Avalanche Energy
2
39.2
mJ
IAS
Single Pulse Avalanche Current
2
28
A
PD
Power Dissipation (TC=25℃)
1.56
W
Power Dissipation – Derate above 25℃
0.012
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
80
℃/W
BVDSS
RDSON
ID
-30V
32m
Ω
-5.1A
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
-30V,-5.1A, RDS(ON) =32m
Ω@VGS = -10V
Fast switching
Green Device Available
Suit for -4.5V Gate Drive Applications
General Description
Features
Applications
Notebook
Load Switch
Battery Protection
Hand-held Instruments
S
D
G
S
D
D
G
D
D
Absolute Maximum Ratings (Tc=25℃ unless otherwise noted)
Thermal Characteristics
1
6
3
4
SOT-23-6 Pin Configuration
SEMICONDUCTOR
TECHNICAL DATA
FTK3909L
2018. 12. 06
1/5
Revision No : 0


Similar Part No. - FTK3909L

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK3909S FS-FTK3909S Datasheet
1Mb / 5P
30V P-Channel MOSFETs
More results

Similar Description - FTK3909L

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS3907 FS-FDS3907 Datasheet
1Mb / 4P
30V P-Channel MOSFETs
FTK3805 FS-FTK3805 Datasheet
927Kb / 5P
30V P-Channel MOSFETs
FTK3903DFN56 FS-FTK3903DFN56 Datasheet
788Kb / 5P
30V P-Channel MOSFETs
FTK3903Z FS-FTK3903Z Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3905 FS-FTK3905 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3911 FS-FTK3911 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3911L FS-FTK3911L Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3959DFN56 FS-FTK3959DFN56 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3009DFN22 FS-FTK3009DFN22 Datasheet
556Kb / 5P
30V P-Channel MOSFETs
FTK3911T FS-FTK3911T Datasheet
1Mb / 5P
30V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com