Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW0C1LX Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # STW0C1LX
Description  Applicable for automotive exterior light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW0C1LX Datasheet(HTML) 4 Page - Seoul Semiconductor

  STW0C1LX Datasheet HTML 1Page - Seoul Semiconductor STW0C1LX Datasheet HTML 2Page - Seoul Semiconductor STW0C1LX Datasheet HTML 3Page - Seoul Semiconductor STW0C1LX Datasheet HTML 4Page - Seoul Semiconductor STW0C1LX Datasheet HTML 5Page - Seoul Semiconductor STW0C1LX Datasheet HTML 6Page - Seoul Semiconductor STW0C1LX Datasheet HTML 7Page - Seoul Semiconductor STW0C1LX Datasheet HTML 8Page - Seoul Semiconductor STW0C1LX Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Rev1.1, April 15, 2019
www.seoulsemicon.com
STW0C1LX
– 3030X
Performance Characteristics
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Forward Current (T
a=25℃)
I
F
300
mA
Operating Temperature
T
opr
-40 ~ +125
℃
Storage Temperature
T
stg
-40 ~ +125
℃
Junction Temperature
T
j
150
℃
ESD (HBM)
(
R=1.5kΩ, C= 100pF)
Class 3B
(JESD22-A114-E)
-
Notes :
(1)
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
(2) All measurements were made under the standardized environment of Seoul Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com