Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR0G16C Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # STR0G16C
Description  Applicable for automotive exterior light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STR0G16C Datasheet(HTML) 4 Page - Seoul Semiconductor

  STR0G16C Datasheet HTML 1Page - Seoul Semiconductor STR0G16C Datasheet HTML 2Page - Seoul Semiconductor STR0G16C Datasheet HTML 3Page - Seoul Semiconductor STR0G16C Datasheet HTML 4Page - Seoul Semiconductor STR0G16C Datasheet HTML 5Page - Seoul Semiconductor STR0G16C Datasheet HTML 6Page - Seoul Semiconductor STR0G16C Datasheet HTML 7Page - Seoul Semiconductor STR0G16C Datasheet HTML 8Page - Seoul Semiconductor STR0G16C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
www.seoulsemicon.com
4
STR0G16C - T6 Series Red-C
Rev1.2, Jul 5, 2019
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current [1]
I
F
-
-
200
mA
Power Dissipation
P
d
-
-
0.5
W
Reverse Voltage
V
R
Not designed for reverse operation
V
Junction Temperature
T
j
-
-
125
ºC
Operating Temperature
T
opr
- 40
-
110
ºC
Storage Temperature
T
stg
- 40
-
110
ºC
Soldering Temperature
T
sld
Reflow Soldering : 260℃ for 10sec.
Hand Soldering : 315℃ for 4sec.
ESD [2]
ESD Class 3A
(JESD22-A114-E)
Notes :
(1) At Junction Temperature 25℃ condition.
(2) A ESD Protection device is included for protection.
•
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
•
All measurements were made under the standardized environment of Seoul Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com