Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR0C1LX Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STR0C1LX
Description  Applicable for automotive exterior light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STR0C1LX Datasheet(HTML) 3 Page - Seoul Semiconductor

  STR0C1LX Datasheet HTML 1Page - Seoul Semiconductor STR0C1LX Datasheet HTML 2Page - Seoul Semiconductor STR0C1LX Datasheet HTML 3Page - Seoul Semiconductor STR0C1LX Datasheet HTML 4Page - Seoul Semiconductor STR0C1LX Datasheet HTML 5Page - Seoul Semiconductor STR0C1LX Datasheet HTML 6Page - Seoul Semiconductor STR0C1LX Datasheet HTML 7Page - Seoul Semiconductor STR0C1LX Datasheet HTML 8Page - Seoul Semiconductor STR0C1LX Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Rev 2.1, Mar 15, 2019
www.seoulsemicon.com
Product Data Sheet
STR0C1LX
– 3030X
3
Performance Characteristics
[1] Tolerance : VF :±0.1V, LF :±7%, W
d :±1nm
[2] The luminous flux was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
[3]
Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity
[4] Thermal resistance = Rth JS : Junction/solder point . Rth max is based on statistic values
※ Not applicable for reverse operation
Notes :
Table 1. Electro Optical Characteristics, I
F = 200mA , Ta = 25ºC, RH30%
Parameter
Symbol
Min
Typ
Max
Unit
Forward Voltage [1]
V
F
2.05
2.20
2.50
V
Luminous Flux [2] [1]
Φ
V
32
-
54
lm
Peak Wavelength
W
p
624.5
Dominant Wavelength [1]
W
d
612
618
624
Viewing Angle [3]
2θ
1/2
120
deg.
Spectral Bandwidth 50%

15.5
nm
Electrical thermal resistance [4]
Rth JS
el
9.1
13
K / W
Real thermal resistance [4]
Rth JS
real
13.2
18
K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com