Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB0C2PB Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # STB0C2PB
Description  Achieving the best system for Horticulture
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STB0C2PB Datasheet(HTML) 1 Page - Seoul Semiconductor

  STB0C2PB Datasheet HTML 1Page - Seoul Semiconductor STB0C2PB Datasheet HTML 2Page - Seoul Semiconductor STB0C2PB Datasheet HTML 3Page - Seoul Semiconductor STB0C2PB Datasheet HTML 4Page - Seoul Semiconductor STB0C2PB Datasheet HTML 5Page - Seoul Semiconductor STB0C2PB Datasheet HTML 6Page - Seoul Semiconductor STB0C2PB Datasheet HTML 7Page - Seoul Semiconductor STB0C2PB Datasheet HTML 8Page - Seoul Semiconductor STB0C2PB Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high Intensity systems while reduces LED
count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
Features and Benefits
Key Applications
• ex) Outdoor area – Streetlight
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
1
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
•Key Applications
•Replacement lamps
•Architectural
•Entertainment
•Retail Display
•Commercial
•Industrial
•Outdoor area
•Off-grid
•Residential
•Consumer portable
•Safety & Security
•Strings & Strips
•Automotive Exterior Lighting
•Automotive Interior Lighting
Blue 3030 PKG
Product Data Sheet
Rev1.1, July, 2019
Achieving the best system for Horticulture
S1CH-3030450003-00000000-0P003
STB0C2PB
Horticulture lighting
General lighting
Replacement lamps
Architectural
Commercial
Part Number
Wavelength (
λ
P)
Color
Min.
Typ.
Max.
S1CH-3030450003-00000000-0P003
Blue
445
450
455
Table 1. Product Selection Table
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
(왼쪽 하단부터 오른쪽방향 순차 삽입)
Thermally Enhanced Package Design
Mid Power to High Power up to 0.9W
Max. Driving Current 300mA
Compact Package Size
Horticulture 3030 Product
Pb-free Reflow Soldering Application
RoHS
LM-80
MacAdam
3-Step
RoHS
This White Colored surface-mount LED
comes in standard package dimension.
Package Size : 3.0x3.0x0.6mm
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.


Similar Part No. - STB0C2PB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
STB01-0-0 TEC-STB01-0-0 Datasheet
385Kb / 3P
STD and STB Markers
STB01-0-1 TEC-STB01-0-1 Datasheet
385Kb / 3P
STD and STB Markers
STB01-0-2 TEC-STB01-0-2 Datasheet
385Kb / 3P
STD and STB Markers
STB01-0-3 TEC-STB01-0-3 Datasheet
385Kb / 3P
STD and STB Markers
STB01-0-4 TEC-STB01-0-4 Datasheet
385Kb / 3P
STD and STB Markers
More results

Similar Description - STB0C2PB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8C12B SEOUL-STW8C12B Datasheet
1Mb / 31P
Achieving the best system cost in Mid-High Power
S2-STW8C2SB SEOUL-S2-STW8C2SB Datasheet
1Mb / 30P
Achieving the best system cost in Mid/High Power
S2-STW9C2SB SEOUL-S2-STW9C2SB Datasheet
1Mb / 25P
Achieving the best system cost in Mid/High Power
STW7C2SB SEOUL-STW7C2SB Datasheet
1Mb / 31P
Achieving the best system cost in Mid/High Power
STW8C2PB SEOUL-STW8C2PB Datasheet
1Mb / 30P
Achieving the best system cost in Mid/High Power
STW9B12B-NZ SEOUL-STW9B12B-NZ Datasheet
947Kb / 23P
Achieving the best system cost in Mid Power
STW9C12B SEOUL-STW9C12B Datasheet
1Mb / 26P
Achieving the best system cost in Mid/High Power
STW7C12C-E0 SEOUL-STW7C12C-E0 Datasheet
1Mb / 32P
Achieving the best system cost in Mid/High Power
STW8C12C-S1 SEOUL-STW8C12C-S1 Datasheet
1Mb / 26P
Achieving the best system cost in Mid/High Power
STW8C12C-E0 SEOUL-STW8C12C-E0 Datasheet
1Mb / 30P
Achieving the best system cost in Mid/High Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com