Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSWM31CQ2 Datasheet(PDF) 16 Page - Seoul Semiconductor

Part # SSWM31CQ2
Description  Side View LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSWM31CQ2 Datasheet(HTML) 16 Page - Seoul Semiconductor

Back Button SSWM31CQ2 Datasheet HTML 12Page - Seoul Semiconductor SSWM31CQ2 Datasheet HTML 13Page - Seoul Semiconductor SSWM31CQ2 Datasheet HTML 14Page - Seoul Semiconductor SSWM31CQ2 Datasheet HTML 15Page - Seoul Semiconductor SSWM31CQ2 Datasheet HTML 16Page - Seoul Semiconductor SSWM31CQ2 Datasheet HTML 17Page - Seoul Semiconductor SSWM31CQ2 Datasheet HTML 18Page - Seoul Semiconductor SSWM31CQ2 Datasheet HTML 19Page - Seoul Semiconductor SSWM31CQ2 Datasheet HTML 20Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.seoulsemicon.com
Product Data Sheet
SSWM31CQ2 –Side View LED
17
Rev1.0, November 22, 2019
Reflow Soldering Characteristics
(3) Hand Soldering Conditions
Not more than 3 seconds @MAX 350C, under soldering iron.
Lead Free Solder
Pre-heat
150~200℃
Pre-heat Time
120 sec. Max.
Peak Temperature
260℃ Max.
Soldering Time Condition
10 sec. Max.
(2) Lead-Free Solder
Lead Solder
Pre-heat
120~150℃
Pre-heat Time
120 sec. Max.
Peak Temperature
240℃ Max.
Soldering Time Condition
10 sec. Max.
(1) Lead Solder
(1) In case that the soldered products are reused in soldering process, we don’t guarantee the products.
Notes :
2.5~5℃/sec.
240℃ Max.
10 sec. Max.
60sec. Max.
Above 200℃
120sec. Max.
Pre-heating
120~150℃
2.5~5℃/sec.
1~5℃/sec.
1~5℃/sec.
Pre-heating
150~200℃
120sec. Max.
60sec. Max.
Above 220℃
260℃ Max.
10 sec. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com