Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPW05F0D Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SPW05F0D
Description  Superior Efficacy & Lumen output with Small Form Factor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPW05F0D Datasheet(HTML) 1 Page - Seoul Semiconductor

  SPW05F0D Datasheet HTML 1Page - Seoul Semiconductor SPW05F0D Datasheet HTML 2Page - Seoul Semiconductor SPW05F0D Datasheet HTML 3Page - Seoul Semiconductor SPW05F0D Datasheet HTML 4Page - Seoul Semiconductor SPW05F0D Datasheet HTML 5Page - Seoul Semiconductor SPW05F0D Datasheet HTML 6Page - Seoul Semiconductor SPW05F0D Datasheet HTML 7Page - Seoul Semiconductor SPW05F0D Datasheet HTML 8Page - Seoul Semiconductor SPW05F0D Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Product Brief
Description
Key Applications
Features and Benefits
www.seoulsemicon.com
Product Data Sheet
Rev1.2, Sep. 2019
•
The Z-Power series is designed for high
flux output applications with high current
operation capability.
•
It incorporates state of the art SMD
design and low thermal resistant
material.
•
The Z Power LED is ideal light sources
for directional lighting applications such
as Spot Lights, various outdoor
applications and high performance
torches .
• Architectural Lighting
• Stage Lighting
• Exterior Lighting
RoHS
• Super high Flux output and high Luminance
• Designed for high current operation
• SMT solderable
• Lead Free product
• RoHS compliant
S1C0-3639080004-00000000-00001
SPW05F0D
Superior Efficacy & Lumen output with Small Form Factor


Similar Part No. - SPW05F0D

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPW0442HR5H-1 KNOWLES-SPW0442HR5H-1 Datasheet
1Mb / 8P
Precision Top Port SiSonicTM Microphone
logo
Infineon Technologies A...
SPW07N60CFD INFINEON-SPW07N60CFD Datasheet
673Kb / 13P
CoolMOS Power Transistor
2008-02-11 revision:1.2
logo
Inchange Semiconductor ...
SPW07N60CFD ISC-SPW07N60CFD Datasheet
397Kb / 2P
isc N-Channel MOSFET Transistor
logo
Knowles Electronics
SPW0878LR5H-1 KNOWLES-SPW0878LR5H-1 Datasheet
3Mb / 10P
ANALOG BOTTOM PORT SISONIC™ MICROPHONE
2020
logo
Seoul Semiconductor
SPW08F0D SEOUL-SPW08F0D Datasheet
321Kb / 16P
Industry Standard SMT package Low thermal resistance
More results

Similar Description - SPW05F0D

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ5-M2-WX-XX SEOUL-SZ5-M2-WX-XX Datasheet
1Mb / 30P
Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WW-00 SEOUL-SZ5-M2-WW-00_16 Datasheet
1Mb / 33P
Superior Efficacy & Lumen output with Small Form Factor
SPR05F0D SEOUL-SPR05F0D Datasheet
806Kb / 19P
Superior Efficacy & Lumen output with Small Form Factor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
Superior Efficacy & Lumen output with Small Form Factor
SPF05F0B SEOUL-SPF05F0B Datasheet
873Kb / 21P
Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0C SEOUL-SZDR5A0C Datasheet
722Kb / 20P
Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0B SEOUL-SZDR5A0B Datasheet
730Kb / 20P
Superior Efficacy & Lumen output with Small Form Factor
SZB05A0B SEOUL-SZB05A0B Datasheet
676Kb / 20P
Superior Efficacy & Lumen output with Small Form Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com