Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA18CLF08TO Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CA18CLF08TO
Description  Proximity Sensors Capacitive Thermoplastic Polyester Housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CA18CLF08TO Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CA18CLF08TO Datasheet HTML 1Page - Carlo Gavazzi Holding AG CA18CLF08TO Datasheet HTML 2Page - Carlo Gavazzi Holding AG CA18CLF08TO Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (19.01.2021)
Wiring Diagrams
EC, M18, AC
Max.
Min.
Sensitivity
The environments in which
capacitive sensors are install-
ed can often be unstable re-
garding temperature, humidity,
object distance and industrial
(noise) interference. Because
of this, Carlo Gavazzi offers
as standard features in all
TRIPLESHIELD™ capacitive
sensors a user-friendly sen-
sitivity adjustment instead of
having a fixed sensing range,
extended sensing range to
accommodate
mechanically
demanding areas, temperatu-
re stability to ensure minimum
need for adjusting sensitivity
if temperature varies and high
immunity to electromagnetic
interference (EMI).
Note:
Sensors are factory set (de-
fault) to maximum rated sen-
sing range.
Adjustment Guide
Installation Hints
Capacitive sensors have the
unique ability to detect al-
most all materials, either in li-
quid or solid form. Capacitive
sensors can detect metallic
as well as non-metallic ob-
jects, however, their traditi-
onal use is for non-metallic
materials such as:
•
Plastic Industry
Resins, regrinds or moul-
ded products.
•
Chemical Industry
Cleansers, fertilisers, liquid
soaps, corrosives and pe-
trochemicals.
•
Wood Industry
Saw dust, paper products,
door and window frames.
•
Ceramic & Glass
Industry
Raw material, clay or finish-
ed products, bottles.
•
Packaging Industry Pac-
kage inspection for level or
contents, dry goods, fruits
and vegetables, dairy pro-
ducts.
Materials are detected due
to their dielectric constant.
The bigger the size of an
object, the higher the den-
sity of material, the better
or easier it is to detect the
object. Nominal sensing di-
stance for a capacitive sen-
sor is referenced to a groun-
ded
metal
plate
(ST37).
For additional information
regarding dielectric ratings
of materials please refer to
Technical Information.
Dimensions
1)
M12 x 1
1)
1
3
2
CA18CL...
1) Note: Only CA18CLN
CA18CLxxxTC
CA18CLxxxTO
BU (2)
BU (2)
BN (3)
BN (3)
Relief of cable strain
Protection of the sensing face
Switch mounted on mobile carrier
To avoid interference from inductive voltage/
current peaks, separate the prox. switch pow-
er cables from any other power cables, e.g.
motor, contactor or solenoid cables
Incorrect
Correct
The cable should not be pulled
A proximity switch should not serve as
mechanical stop
Any repetitive flexing of the
cable should be avoided



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com