Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA18CLF08TC Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # CA18CLF08TC
Description  Proximity Sensors Capacitive Thermoplastic Polyester Housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CA18CLF08TC Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  CA18CLF08TC Datasheet HTML 1Page - Carlo Gavazzi Holding AG CA18CLF08TC Datasheet HTML 2Page - Carlo Gavazzi Holding AG CA18CLF08TC Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (19.01.2021)
1
Rated operating dist. (Sn)
CA18CLF08
3 to 8 mm
factory set at 8 mm
CA18CLN12
3 to 12 mm
factory set at 12 mm
Sensitivity
Adj. 270° turn pot. meter
Effective operation dist. (Sr)
0.9 x Sn ≤ Sr ≤ 1.1 x Sn
Usable operation dist. (Su)
0.8 x Sr ≤ Su ≤ 1.2 x Sr
Repeat accuracy (R)
≤ 5%
Hysteresis (H)
4 to 20% of sensing distance
Rated operational volt. (UB)
20 to 250 VAC (ripple incl.)
Ripple
≤ 10%
Rated operational current (Ie)
Continuous
≤ 500 mA
Short-time
< 2.5 A (max. 20 ms)
Min. load current
10 mA
Voltage drop (Ud)
≤ 10 VAC (at loads ≥ 20 mA)
Protection
Transients
Power ON delay
≤ 100 ms
Freq. of operating cycles (f)
10 Hz
Indication for output ON
LED, yellow
Environment
Degree of protection
IP 67 (Nema 1, 2, 12)
Temperature
Operating temperature
-25° to +80°C ( -13° to +176°F)
Storage temperature
-40° to +85°C (-40° to +185°F)
Housing material
Body
Grey, thermoplastic polyester
Front
Grey, polyester
Cable end
Polyester
Nuts
Black, reinforced nylon
Connection
Cable
Grey, 2 m, 2 x 0.5 mm2
Oil proof PVC
Plug (M6)
M12 x 1, double keyed
Cable for plug (M6)
CON.6A-series
Weight
Cable version
110 g
Plug version
30 g
Approvals
UL, CSA
CE-marking
Yes
Type Selection
Product Description
Proximity Sensors Capacitive
Thermoplastic Polyester Housing
Type CA, M18, AC
• Featuring
TRIPLESHIELD™ sensor protection
• Rated operational voltage: 20-250 VAC
• Adjustable sensing distance 3-8 mm or 3-12 mm
• Output: SCR
• Make or break switching function
• LED indication
• High noise immunity
• Flush and non-flush types
• Plug and cable versions
• DC versions in the same housing
Capacitive proximity switches
with either sensing distance
8 mm flush mounted in metal
or sensing distance 12 mm
non-flush mounted. 2-wire AC
output with make (NO) or bre-
ak (NC) switching. Grey M18
polyester housing with 2 m
PVC cable or M12 plug. Ideal
for use in level and plastic
machinery applications.
Housing Rated
Mounting
Ordering no.
Ordering no.
Ordering no.
Ordering no.
diameter operating
SCR/cable
SCR/plug
SCR/cable
SCR/plug
dist. (Sn) 1)
Make
Make
Break
Break
switching
switching
switching
switching
M18
8 mm
Flush (built-in)
CA18CLF08TO
CA18CLF08TOM6
CA18CLF08TC
CA18CLF08TCM6
M18
12 mm
Non-flush
CA18CLN12TO
CA18CLN12TOM6
CA18CLN12TC
CA18CLN12TCM6
1)
Object: Grounded steel plate
Specifications
TRIPLESHIELD
™
Capacitive proximity switch
Housing style
Housing size
Housing material
Housing length
Detection principle
Sensing distance
Output type
Output configuration
Connection type
Ordering Key
CA18CLN12TOM6


Similar Part No. - CA18CLF08TC

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CA18CLC12BPM1 CARLOGAVAZZI-CA18CLC12BPM1 Datasheet
249Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
CA18CLL12BP CARLOGAVAZZI-CA18CLL12BP Datasheet
345Kb / 3P
Capacitive Level Detector for Plastic & Rubber Thermoplastic Polyester Housing
CA18CLL12BPM1 CARLOGAVAZZI-CA18CLL12BPM1 Datasheet
345Kb / 3P
Capacitive Level Detector for Plastic & Rubber Thermoplastic Polyester Housing
More results

Similar Description - CA18CLF08TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA12CLC08BPM1 ETC2-CA12CLC08BPM1 Datasheet
42Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
EC1808NPCP ETC2-EC1808NPCP Datasheet
79Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
logo
Carlo Gavazzi Holding A...
CA30CAN25NAM1 CARLOGAVAZZI-CA30CAN25NAM1 Datasheet
698Kb / 5P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
CA18CLC12BPM1 CARLOGAVAZZI-CA18CLC12BPM1 Datasheet
249Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
CA18CAN12NAM1 CARLOGAVAZZI-CA18CAN12NAM1 Datasheet
684Kb / 5P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
CA12CLC08BPM1RT CARLOGAVAZZI-CA12CLC08BPM1RT Datasheet
786Kb / 4P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
CD46CNC10NP CARLOGAVAZZI-CD46CNC10NP Datasheet
212Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
CB18CLN12TOFTAX CARLOGAVAZZI-CB18CLN12TOFTAX Datasheet
266Kb / 2P
Proximity Sensors Capacitive ATEX Thermoplastic Polyester Housing
CA30CLN25CPM6 CARLOGAVAZZI-CA30CLN25CPM6 Datasheet
78Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
EC3025TBAPL-6 CARLOGAVAZZI-EC3025TBAPL-6 Datasheet
301Kb / 3P
Proximity Sensors Capacitive Thermoplastic Polyester Housing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com