Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA183A2IDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA183A2IDBVR
Description  INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA183A2IDBVR Datasheet(HTML) 3 Page - Texas Instruments

  INA183A2IDBVR Datasheet HTML 1Page - Texas Instruments INA183A2IDBVR Datasheet HTML 2Page - Texas Instruments INA183A2IDBVR Datasheet HTML 3Page - Texas Instruments INA183A2IDBVR Datasheet HTML 4Page - Texas Instruments INA183A2IDBVR Datasheet HTML 5Page - Texas Instruments INA183A2IDBVR Datasheet HTML 6Page - Texas Instruments INA183A2IDBVR Datasheet HTML 7Page - Texas Instruments INA183A2IDBVR Datasheet HTML 8Page - Texas Instruments INA183A2IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
5 Device Comparison
Table 5-1. Device Comparison
PRODUCT
GAIN
INA183A1
50
INA183A2
100
INA183A3
200
6 Pin Configuration and Functions
GND
GND
OUT
IN-
IN+
Figure 6-1. DBV Package 5-Pin SOT-23 Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
GND
1, 2
Analog
Device ground. Both pins must be connected to ground.
IN–
4
Analog input
Connect to load side of shunt resistor.
IN+
5
Analog input
Connect to supply side of shunt resistor.
OUT
3
Analog output Output voltage.
www.ti.com
INA183
SBOSA08 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com