Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD34CNFLFNOP2 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CD34CNFLFNOP2
Description  Capacitive sensor, Foreground Suppression
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CD34CNFLFNOP2 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CD34CNFLFNOP2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 4Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Carlo Gavazzi Industri A/S
CD34CNFLFxxx
CD34CNFLFxxx ENG
03/08/2020
References
Product selection key
CD34CNFLF
Enter the code option instead of
Code
Option
Description
C
-
Capacitive sensor
D
-
Rectangular housing
34
-
Length of housing
C
-
Plastic housing
N
-
Neutral
F
-
Flush mounting
L
-
Liquid level
F
Foreground suppression
N
NPN
P
PNP
O
N.O.
C
N.C.
P2
2 m PVC Cable
T5
Pigtail PVC
Type selection
Connec-
tion
Output
Code
Cable
NPN, N.O.
CD34CNFLFNOP2
NPN, N.C.
CD34CNFLFNCP2
PNP, N.O.
CD34CNFLFPOP2
PNP, N.C.
CD34CNFLFPCP2
Pigtail
NPN, N.O.
CD34CNFLFNOT5
NPN, N.C.
CD34CNFLFNCT5
PNP, N.O.
CD34CNFLFPOT5
PNP, N.C.
CD34CNFLFPCT5
Mounting bracket
ACD34-MB01



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com