Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD34CNFLFPCP2 Datasheet(PDF) 6 Page - Carlo Gavazzi Holding AG

Part # CD34CNFLFPCP2
Description  Capacitive sensor, Foreground Suppression
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CD34CNFLFPCP2 Datasheet(HTML) 6 Page - Carlo Gavazzi Holding AG

  CD34CNFLFPCP2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 4Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Carlo Gavazzi Industri A/S
CD34CNFLFxxx
CD34CNFLFxxx ENG
03/08/2020
Green LED
Yellow LED
Output
Flashes 1Hz
OFF
Full calibration (2-7 sec)
Flashes 1Hz
ON
Empty calibration (7-12 sec)
NA
Flashes 3 times 1Hz
Succesful "full calibration"
NA
Flashes 3 times 1Hz
Succesful "empty calibration"
NA
Flashes 10 times 4Hz
Unsuccesful calibration (cancelled or error) (>12 sec)
Environmental
Ambient temperature
-25°... +80°C (-13°... +176°F)
Operating
-40° ... +85°C (-40° ... +185°F)
Storage
Ambient humidity range
35% ... 100%
Operating
35% ... 100%
Storage
Vibration
10 ...150 Hz, 1.0 mm/15 g
EN 60068-2-6
Shock
30 gn
n / 11ms, 6 pos, 6 neg per axis
EN60068-2-27
Drop test
2 x 1 m and 100 x 0.5 m
EN 60068-2-31
Rated insulation voltage (U
i)
75 VDC
Dielectric insulation voltage
≥ 1250 VAC rms
50/60 Hz for 1 min.
Rated impulse withstand voltage
1 kV
1.2/50 µs
Pollution degree
3
ICE60664, ICE60664A,
EN60947-1
Overvoltage category
III
IEC60664; EN60947-1
Degree of protection
IP65, IP66, IP67, IP68 @ 1.3m and 24 h IEC60539; EN60947-1
IP69K
DIN 40050-9
NEMA Enclosure Types
1, 2, 4, 4x, 5, 12
NEMA 250
EMC
Electrostatic discharge immunity test ± 8 kV @ air discharge or
± 4 kV @ contact discharge
IEC 61000-4-2, EN60947-1
Electromagnetic field immunity
3 V/m
IEC 61000-4-3, EN60947-1
Fast transient immunity
2 kV
IEC 61000-4-4, EN60947-1
Wire-conducted noise
3 V
IEC 61000-4-6, EN60947-1
Power frequency magnetic field im-
munity test
30 A/m
IEC 61000-4-8, EN60947-1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com