Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8364LP6GETR Datasheet(PDF) 6 Page - Analog Devices

Part # HMC8364LP6GETR
Description  18.10 GHz to 26.60 GHz Quadband VCO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8364LP6GETR Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC8364LP6GETR Datasheet HTML 2Page - Analog Devices HMC8364LP6GETR Datasheet HTML 3Page - Analog Devices HMC8364LP6GETR Datasheet HTML 4Page - Analog Devices HMC8364LP6GETR Datasheet HTML 5Page - Analog Devices HMC8364LP6GETR Datasheet HTML 6Page - Analog Devices HMC8364LP6GETR Datasheet HTML 7Page - Analog Devices HMC8364LP6GETR Datasheet HTML 8Page - Analog Devices HMC8364LP6GETR Datasheet HTML 9Page - Analog Devices HMC8364LP6GETR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HMC8364
Data Sheet
Rev. A | Page 6 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTE
1. NIC = NO INTERNAL CONNECTION. HOWEVER, THESE PINS
CAN BECONNECTED TO RF OR DC GROUND WITHOUT
AFFECTING THE PERFORMANCE OF THE DEVICE.
2. EXPOSED PAD. THE PACKAGE BOTTOM HAS AN
EXPOSED METAL PAD THAT MUST BE CONNECTED
TO RF OR DC GROUND.
1
NIC
2
GND
3
NIC
4
GND
5
RFOUT
6
GND
7
NIC
8
VCB
9
NIC
10
NIC
23 VC3
24 GND
25 VC2
26 GND
27 VTUNE
28 GND
29 VC1
30 NIC
22 VC4
21 NIC
HMC8364
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 7, 9 to 21, 30 to 40
NIC
No Internal Connection. However, these pins can be connected to RF or dc ground without
affecting the performance of the device.
2, 4, 6, 24, 26, 28
GND
Ground. The GND pins must be connected to RF or dc ground.
5
RFOUT
RF Output. The RFOUT pin is ac-coupled, and maintaining a voltage standing wave ratio (VSWR)
load of ≤2.0:1 across frequency is recommended.
8
VCB
Buffer Supply Voltage.
22
VC4
Band 4 Supply Voltage.
23
VC3
Band 3 Supply Voltage.
25
VC2
Band 2 Supply Voltage.
27
VTUNE
Control Voltage and Modulation Input. The modulation bandwidth is dependent on the drive
source impedance.
29
VC1
Band 1 Supply Voltage.
EP
Exposed Pad. The package bottom has an exposed metal pad that must be connected to RF or dc
ground.
INTERFACE SCHEMATICS
RFOUT
VCB
Figure 3. RFOUT and VCB Interface Schematic
VCx
Figure 4. VC1 to VC4 Interface Schematic
VTUNE
125pF
1.6Ω 0.4nH
215pF
Figure 5. VTUNE Interface Schematic
GND
Figure 6. GND Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com