Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4020 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4020
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4020 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4020 Datasheet HTML 25Page - Analog Devices AD4020 Datasheet HTML 26Page - Analog Devices AD4020 Datasheet HTML 27Page - Analog Devices AD4020 Datasheet HTML 28Page - Analog Devices AD4020 Datasheet HTML 29Page - Analog Devices AD4020 Datasheet HTML 30Page - Analog Devices AD4020 Datasheet HTML 31Page - Analog Devices AD4020 Datasheet HTML 32Page - Analog Devices AD4020 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 29 of 39
STATUS BITS
A set of six optional status bits can be appended to the end of
each conversion result. The status bits allow the digital host to
check the state of the input overvoltage protection circuit and
verify that the ADC features are configured correctly without
interrupting conversions. The status bits are enabled when the
status bits enable bit in the configuration register is set to 1 (see
Configuration Register Details section). Table 15 shows a
description of each status bit.
When enabled, the status bits are clocked out MSB first starting
on the SCK falling edge immediately following the LSB of the
conversion result. The SDO line returns to high impedance
after the sixth status bit is clocked out (except in daisy-chain
mode). The user is not required to clock out all status bits to
start the next conversion. For example, if the digital host needs
to monitor the OV clamp flag but also needs to minimize the
SCK frequency, the remaining status bits can be ignored to limit
the number of SCK pulses required per conversion period.
When using multiple AD4020/AD4021/AD4022 devices in
daisy-chain mode, however, all six status bits must be clocked
out for each connected device.
Figure 52 shows the serial interface timing for CS mode, 3-wire
without busy indicator with all six status bits, Bits[5:0] (see
Figure 52), clocked out.
Table 15. Status Bits Descriptions
Bit
Bit Name
Description
5
OV clamp flag
Indicates the state of the OV
clamp flag in the configuration
register.
4
Span compression
Indicates the state of the span
compression enable bit in the
configuration register.
3
High-Z mode
Indicates the state of the High-Z
mode enable bit in the
configuration register.
2
Turbo mode
Indicates the state of the turbo
mode enable bit in the
configuration register.
[1:0]
Reserved
Reserved.
SDO
D19
D18
D17
D1
D0
SCK
12
3
18
19
20
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CNV
CONVERSION
ACQUISITION
tCYC
ACQUISITION
SDI = 1
tCNVH
tACQ
tEN
25
26
tQUIET2
STATUS BITS B[5:0]
B1
tDIS
B0
24
tCONV
Figure 52. CS Mode, 3-Wire Without Busy Indicator Serial Interface Timing Diagram Including Status Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com