Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CM02 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT24CM02
Description  I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CM02 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT24CM02 Datasheet HTML 16Page - ATMEL Corporation AT24CM02 Datasheet HTML 17Page - ATMEL Corporation AT24CM02 Datasheet HTML 18Page - ATMEL Corporation AT24CM02 Datasheet HTML 19Page - ATMEL Corporation AT24CM02 Datasheet HTML 20Page - ATMEL Corporation AT24CM02 Datasheet HTML 21Page - ATMEL Corporation AT24CM02 Datasheet HTML 22Page - ATMEL Corporation AT24CM02 Datasheet HTML 23Page - ATMEL Corporation AT24CM02 Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
AT24CM02 [DATASHEET]
Atmel-8828E-SEEPROM-AT24CM02-Datasheet_012017
12.2 8U-11 — 8-ball WLCSP
DRAWING NO.
REV.
TITLE
GPC
8U-11
E
8/7/15
8U-11, 8-ball 4x4 Array, Custom Pitch
Wafer Level Chip Scale Package (WLCSP) with BSC
GEN
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
TYP
MAX
NOTE
A
0.313
0.334
0.355
A1
—
0.094
—
A2
—
0.240
—
3
D
Contact Atmel for details
d1
1.00 BSC
d2
1.40 BSC
E
Contact Atmel for details
e
0.50 BSC
e1
2.10 BSC
b
0.170
0.185
0.200
Package Drawing Contact:
packagedrawings@atmel.com
NC = Not Connected
PIN ASSIGNMENT MATRIX
1
2
3
4
A
B
C
D
n/a
n/a
SCL
n/a
V
CC
WP
n/a
SDA
NC
n/a
n/a
GND
n/a
NC
A
2
n/a
BOTTOM SIDE
TOP VIEW
SIDE VIEW
k 0.20 C
v
d0.015
C
0.05
C A B
d
m
m
Note: 1. Dimensions are NOT to scale.
2. Solder ball composition is 95.5Sn-4.0Ag-0.5Cu.
3. Product offered with Back Side Coating.
A
B
C
D
43
21
E
D
d1
d2
e1
e
A
A1
A2
SEATING PLANE
D
C
B
A
12
34
C
A1 CORNER
A1 CORNER
k 0.015 (4X)
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com