Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7118ACPZN5.0-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP7118ACPZN5.0-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118ACPZN5.0-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP7118ACPZN5.0-R7 Datasheet HTML 11Page - Analog Devices ADP7118ACPZN5.0-R7 Datasheet HTML 12Page - Analog Devices ADP7118ACPZN5.0-R7 Datasheet HTML 13Page - Analog Devices ADP7118ACPZN5.0-R7 Datasheet HTML 14Page - Analog Devices ADP7118ACPZN5.0-R7 Datasheet HTML 15Page - Analog Devices ADP7118ACPZN5.0-R7 Datasheet HTML 16Page - Analog Devices ADP7118ACPZN5.0-R7 Datasheet HTML 17Page - Analog Devices ADP7118ACPZN5.0-R7 Datasheet HTML 18Page - Analog Devices ADP7118ACPZN5.0-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADP7118
Rev. F | Page 15 of 24
PROGRAMABLE PRECISION ENABLE
The ADP7118 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 46,
when a rising voltage on EN crosses the upper threshold,
nominally 1.2 V, VOUT turns on. When a falling voltage on EN
crosses the lower threshold, nominally 1.1 V, VOUT turns off.
The hysteresis of the EN threshold is approximately 100 mV.
VEN (V)
1.30
1.25
1.20
1.15
1.10
1.05
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
–40°C
+25°C
+125°C
Figure 46. Typical VOUT Response to EN Pin Operation
The upper and lower thresholds are user programmable and
can be set higher than the nominal 1.2 V threshold by using
two resistors. The resistance values, REN1 and REN2, can be
determined from the following:
REN2 = nominally 10 kΩ to 100 kΩ
(6)
REN1 = REN2 × (VIN − 1.2 V)/1.2 V
(7)
where:
VIN is the desired turn-on voltage.
The hysteresis voltage increases by the factor (REN1 + REN2)/REN2.
For the example shown in Figure 47, the enable threshold is
3.6 V with a hysteresis of 300 mV.
VOUT
SENSE/ADJ
VIN
ADP7118
GND
CIN
2.2µF
COUT
2.2µF
EN
OFF
ON
VIN = 8V
VOUT = 6V
R1
10kΩ
R2
20kΩ
REN1
200kΩ
REN2
100kΩ
Figure 47. Typical EN Pin Voltage Divider
Figure 46 shows the typical hysteresis of the EN pin. This pre-
vents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
SOFT START
The ADP7118 uses an internal soft start (SS pin open) to limit the
inrush current when the output is enabled. The start-up time for
the 3.3 V option is approximately 380 µs from the time the EN
active threshold is crossed to when the output reaches 90% of
the final value. As shown in Figure 48, the start-up time is
independent on the output voltage setting.
TIME (ms)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
1
2
3
4
6
5
VEN
VOUT = 1.8V
VOUT = 3.3V
VOUT = 5.0V
Figure 48. Typical Start-Up Behavior
An external capacitor connected to the SS pin determines the
soft start time. This SS pin can be left open for a typical 380 µs
start-up time. Do not ground this pin. When an external soft
start capacitor (CSS) is used, the soft start time is determined by
the following equation:
SSTIME (sec) = tSTART-UP at 0 pF + (0.6 × CSS)/ISS
(8)
where:
tSTART-UP at 0 pF is the start-up time at CSS = 0 pF (typically 380 µs).
CSS is the soft start capacitor (F).
ISS is the soft start current (typically 1.15 µA).
TIME (ms)
10
9
8
7
6
5
4
3
2
1
0
0
0.5
1.0
2.0
3.0
3.5
1.5
2.5
VEN
NO SS CAP
1nF
2nF
4.7nF
6.8nF
10nF
Figure 49. Typical Soft Start Behavior, Different CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com