Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-6 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # LS-6
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-6 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button LS-6 Datasheet HTML 35Page - List of Unclassifed Manufacturers LS-6 Datasheet HTML 36Page - List of Unclassifed Manufacturers LS-6 Datasheet HTML 37Page - List of Unclassifed Manufacturers LS-6 Datasheet HTML 38Page - List of Unclassifed Manufacturers LS-6 Datasheet HTML 39Page - List of Unclassifed Manufacturers LS-6 Datasheet HTML 40Page - List of Unclassifed Manufacturers LS-6 Datasheet HTML 41Page - List of Unclassifed Manufacturers LS-6 Datasheet HTML 42Page - List of Unclassifed Manufacturers LS-6 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
54
ø30 ø30 Series Selector Pushbuttons
ABN Ring Operator / ABNL Lever Operator Selector Pushbuttons
Package Quantity: 1
Shape
Contact
Code
Circuit
Code
Contact
Block
Ring/Lever
Ring
Operator
Lever
Operator
➀ Button
Color
Code
Pushbutton
Part No.
Part No.
Mounting
Position
Con-
tact
Normal
Push
Normal
Push
ABN
M3.5 Terminal Screw
6 23
41
25
40
Panel Thickness 0.8 to 7.5
(including nameplate)
M3.5 Terminal Screw
6 23
41
25
40
23
Panel Thickness 0.8 to 7.5
(including nameplate)
ABN
L
623
41
40
26
M3.5 Terminal Screw
Panel Thickness 0.8 to 7.5
(including nameplate)
41
40
26
6 23
23
M3.5 Terminal Screw
Panel Thickness 0.8 to 7.5
(including nameplate)
Ring Operator (90° 2-position)
Lever Operator (90° 2-position)
11
(1NO-1NC)
A
1
NO
●
●
ABN6111➀
ABN6L111➀
B: black
G: green
R: red
Y: yellow
2
NC
●
I
1
NC
●
ABN6411➀
ABN6L411➀
2
NO
●
G
1
NO
Blocked
●
ABN9111➀
ABN9L111➀
2
NC
●
●
20
(2NO)
D
1
NO
●
ABN7120➀
2
NO
●
22
(2NO-2NC)
B
1
NC
●
ABN6122➀
ABN6L122➀
2
NC
●
3
NO
●
●
4
NO
●
●
C
1
NC
●
ABN6222➀
ABN6L222➀
2
NC
3
NO
●
●
4
NO
●
I
1
NC
●
ABN6422➀
ABN6L422➀
2
NC
●
3
NO
●
4
NO
●
D
1
NC
●
ABN7122➀
ABN7L122➀
2
NC
●
3
NO
●
4
NO
●
E
1
NC
ABN7222➀
ABN7L222➀
2
NC
3
NO
●
4
NO
●
F
1
NC
●
ABN7322➀
ABN7L322➀
2
NC
●
3
NO
●
4
NO
●
H
1
NC
●
Blocked
●
ABN9122➀
ABN9L122➀
2
NC
●
●
3
NO
●
4
NO
●
•Specify a button color code in place of ➀ in the Part No.
•Ring/Lever (metal): Chrome-plated
Notes
1.CircuitCodesA,B,C,andI:Whentheringorleveroperatoristurned,thebuttonispushedin.
2.CircuitCodesEandF:TherightandleftNCcontactblocksoncircuitcodeEorFmayoverlapeachotherwhileturningtheringorlever
operator.TheNOandNCcontactblocksoncircuitcodeFmayoverlapeachotherwhilepressingthebutton.
3.CircuitCodesGandH:Thepushbuttondoesnotoperatewhentheringorleveroperatoristurnedtotheleftposition.
4.Whenusingtheselectorpushbutton,donotturntheringorleveroperatorwiththepushbuttondepressed.Otherwise,damageorfailure
maybecaused.
50
80
Normal
Push
1
●
2
●
3
●
4
●
4
3
2
1
Contact Block Mounting Position
and Contact Arrangement Chart
Mounting Hole Layout
Ring Operator
Lever Operator
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com