Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4022BCPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # AD4022BCPZ-R2
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4022BCPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD4022BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 24Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 26Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 27Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 28Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD4022BCPZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 27 of 39
REGISTER READ/WRITE FUNCTIONALITY
The AD4020/AD4021/AD4022 configuration register is read
from and written to with a 16-bit SPI instruction. The state of
the fields in the configuration register determine which of the
device features are enabled or disabled (see the Configuration
Register Details section).
The 16-bit SPI instructions consist of the 8-bit register access
command (see Table 14) followed by the register data. When
performing register read and write operations, CNV is analogous
to a chip select signal, and CNV must be brought low to access
the configuration register contents. Data on SDI is latched in on
each SCK rising edge. Data is shifted out on SDO on each SCK
falling edge. SDO returns to a high impedance state when CNV
is brought high.
The first bit read on SDI after a CNV falling edge (represented
by WEN in Table 14) must be a 0 to initiate the register access
command. The next bit (R/W) determines whether the instruction
is a write or a read. The following six bits must match the values
for Bit 5 through Bit 0, shown in Table 14, to perform the SPI
read/write.
When performing a write operation, the new register contents
are written over SDI MSB first, and the writeable bits in the
configuration register are updated after the device receives the
full byte. When performing a read operation, the current register
contents are shifted out on SDO, MSB first. Figure 49 and
Figure 50 show timing diagrams for register read and write
operations when using any of the CS modes. Figure 51 shows
the timing diagram for performing a write operation to multiple
devices connected in daisy-chain mode.
Register reads are not supported when daisy-chaining multiple
devices (see the Daisy-Chain Mode section). To verify the contents
of the configuration register, enable and read the status bits (see
the Status Bits section).
The LSB of the configuration register (Bit 0) is a read only bit
that allows digital hosts to ensure the desired digital interface
mode is selected in the frame immediately following a register
write operation. For digital hosts that are limited to 16-bit SPI
frames (such as some microcontrollers), set this bit accordingly
to ensure SDI is at the desired level on the rising edge of CNV.
For example, set this bit to 1 and/or set the idle state of SDI to 1
when using any of the CS modes.
SPI write instructions can be performed in the same frame as
reading a conversion result. To ensure the conversion is
executed correctly, the CNV signal must obey the timing
requirements for the selected interface mode.
Table 14. Register Access Command
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WEN
R/W
0
1
0
1
0
0
tCYC
tSCK
tSCKL
tSCKH
tSCNVSCK
tSSDISCK
tHSDISCK
tCNVH1
tEN
tHSDO
tDSDO
tDIS
tQUIET22
1THE CNV HIGH TIME MUST FOLLOW THE tCONV SPECIFICATION TO GENERATE A VALID CONVERSION RESULT.
2THE SCK FALLING EDGE TO CNV RISING EDGE DELAY MUST FOLLOW THE tQUIET2 SPECIFICATION TO ENSURE SPECIFIED PERFORMANCE.
3X MEANS DON’T CARE.
X3
B0
B1
B2
B3
B4
B5
D19
D18
D17
D16
D15
D14
D13
D12
B7
B6
REGISTER DATA ON B7 TO B0
SDO
0
1
0
1
0
0
1
1
WEN
(0)
R/W
(1)
8-BIT REGISTER ACCESS COMMAND
SDI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SCK
CNV
Figure 49. Register Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com