Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4449
Description  100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 2 Page - Analog Devices

  LTC4449 Datasheet HTML 1Page - Analog Devices LTC4449 Datasheet HTML 2Page - Analog Devices LTC4449 Datasheet HTML 3Page - Analog Devices LTC4449 Datasheet HTML 4Page - Analog Devices LTC4449 Datasheet HTML 5Page - Analog Devices LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC7060
2
Rev. A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC Supply Voltage.................................... –0.3V to 15V
Top Side Driver Voltage (BST) ..................–0.3V to 115V
Bottom Side Driver Voltage (BGVCC).........–0.3V to 115V
SW, BGRTN................................................–10V to 100V
(BST-SW)................................................... –0.3V to 15V
(BGVCC-BGRTN) ........................................ –0.3V to 15V
EN, FLT....................................................... –0.3V to 15V
DT, PWM...................................................... –0.3V to 6V
Driver Output TG (with Respect to SW)..... –0.3V to 15V
Driver Output BG
(with Respect to BGRTN)........................... –0.3V to 15V
Operating Junction Temperature Range
(Note 2, 3)..... ......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Note: All voltages are referred to SGND unless otherwise
noted.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7060EMSE#PBF
LTC7060EMSE#TRPBF
LTC7060
12-Lead Plastic MSSOP
–40°C to 125°C
LTC7060IMSE#PBF
LTC7060IMSE#TRPBF
LTC7060
12-Lead Plastic MSSOP
–40°C to 125°C
LTC7060JMSE#PBF
LTC7060JMSE#TRPBF
LTC7060
12-Lead Plastic MSSOP
–40°C to 150°C
LTC7060HMSE#PBF
LTC7060HMSE#TRPBF
LTC7060
12-Lead Plastic MSSOP
–40°C to 150°C
AUTOMOTIVE PRODUCTS**
LTC7060EMSE#WPBF
LTC7060EMSE#WTRPBF
LTC7060
12-Lead Plastic MSSOP
–40°C to 125°C
LTC7060IMSE#WPBF
LTC7060IMSE#WTRPBF
LTC7060
12-Lead Plastic MSSOP
–40°C to 125°C
LTC7060JMSE#WPBF
LTC7060JMSE#WTRPBF
LTC7060
12-Lead Plastic MSSOP
–40°C to 150°C
LTC7060HMSE#WPBF
LTC7060HMSE#WTRPBF
LTC7060
12-Lead Plastic MSSOP
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
1
2
3
4
5
6
PWM
EN
FLT
DT
VCC
BGVCC
12
11
10
9
8
7
BST
TG
SW
NC
BG
BGRTN
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W
EXPOSED PAD (PIN 13) IS SGND, MUST BE SOLDERED TO PCB
13
SGND
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com