Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC2X31 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # MSC2X31
Description  Dual Silicon Carbide Schottky Barrier Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSC2X31 Datasheet(HTML) 4 Page - Microsemi Corporation

  MSC2X31 Datasheet HTML 1Page - Microsemi Corporation MSC2X31 Datasheet HTML 2Page - Microsemi Corporation MSC2X31 Datasheet HTML 3Page - Microsemi Corporation MSC2X31 Datasheet HTML 4Page - Microsemi Corporation MSC2X31 Datasheet HTML 5Page - Microsemi Corporation MSC2X31 Datasheet HTML 6Page - Microsemi Corporation MSC2X31 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Performance
The following table shows the static characteristics per diode of the MSC2X31SDA120J and MSC2X30SDA120J
devices. TJ = 25 °C unless otherwise specified.
Table 3 • Static Characteristics Per Diode
Unit
Max
Typ
Min
Test Conditions
Characteristics
Symbol
V
1.8
1.5
IF = 30 A
Forward voltage
VF
2.1
TJ = 175 °C
μA
200
9
VR = 1200 V
Reverse leakage current
IRM
150
TJ = 175 °C
nC
130
VR = 600 V
Total capacitive charge
QC
pF
141
VR = 400 V, f = 1 MHz
Junction capacitance
CJ
105
VR = 800 V, f = 1 MHz
4
053-4104 MSC2X31/30SDA120J Datasheet Revision A
Device Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com