Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z16VC Datasheet(PDF) 1 Page - ON Semiconductor

Part # MM3Z16VC
Description  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z16VC Datasheet(HTML) 1 Page - ON Semiconductor

  MM3Z16VC Datasheet HTML 1Page - ON Semiconductor MM3Z16VC Datasheet HTML 2Page - ON Semiconductor MM3Z16VC Datasheet HTML 3Page - ON Semiconductor MM3Z16VC Datasheet HTML 4Page - ON Semiconductor MM3Z16VC Datasheet HTML 5Page - ON Semiconductor MM3Z16VC Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2020
August, 2020 − Rev. 1
1
Publication Order Number:
MM3Z9V1C/D
Zener Diodes
MM3Z2V4C - MM3Z75VC
Features
• Wide Zener Voltage Range Selection, 2.4 V to 75 V
• VZ Tolerance Selection of ±5% (C Series)
• Very Small and Thin SMD Package
• Matte Tin(Sn) Finish
• These Devices are Pb−Free and are RoHS Compliant
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
−65 to +150
°C
TJ
Maximum Junction Temperature
150
°C
IZM
Maximum Regulator Current
PD/VZ
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Units
RqJA
Thermal Resistance, Junction to
Ambient
595
°C/W
NOTE: Device mounted on PCB with minimum land pad.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage / IF = 10 mA
−
−
1.0
V
Product parametric performance is indicated in the Electrical Characteristics for
the listed test conditions, unless otherwise noted. Product performance may not
be indicated by the Electrical Characteristics if operated under different
conditions.
2
CATHODE
1
ANODE
www.onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
Refer to Product
Table List
SOD−323FL
(Pb−Free)
3,000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOD−323FL
CASE 477AB
MARKING
DIAGRAM
= (Band Denotes Cathode)
X
= Specific Device Code
M
= Date Code
X M
CONNECTION DIAGRAM
1
2


Similar Part No. - MM3Z16VC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM3Z16VC FAIRCHILD-MM3Z16VC Datasheet
440Kb / 6P
Zener Diodes
logo
Yea Shin Technology Co....
MM3Z16VC YEASHIN-MM3Z16VC Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
logo
Tak Cheong Electronics ...
MM3Z16VCW TAK_CHEONG-MM3Z16VCW Datasheet
268Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
MM3Z16VCW SECOS-MM3Z16VCW Datasheet
595Kb / 4P
200mW, SOD-323L Surface Mount Zener Diodes
More results

Similar Description - MM3Z16VC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com