Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLR089 Datasheet(PDF) 1 Page - Microchip Technology

Part # WLR089
Description  XPLAINED PRO EVALUATION KIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WLR089 Datasheet(HTML) 1 Page - Microchip Technology

  WLR089 Datasheet HTML 1Page - Microchip Technology WLR089 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUICK START GUIDE
WLR089 XPLAINED PRO EVALUATION KIT
(EV23M25A)
Hardware Setup
• WLR089 Xplained Pro Evaluation Kit
(EV23M25A)
• Micro USB cable
• LoRaWAN® gateway
Software Setup
• TeraTerm (terminal emulator)
• Network Server with gateway and end
device registered
• LoRaWAN gateway connected to Network
Server
Plug In
Connect your board (EDBG USB) to your PC
with a micro USB cable. Your personal computer
will recognize the board as a Virtual COM port.
Open the virtual COM port in a terminal emulator
running on the PC and send/receive the data.
Link Up
Connect to Network Server Using Pre-Programmed
Serial Network Provision Application
1.Open TeraTerm. Choose the EDBG Virtual COM
port and enable local echo.
2.The default settings for the UART interface are
115200 bps, 8-bits, no parity, one Stop bit and no
flow control.
3.A menu with two types of join options will ap-
pear on TeraTerm. Choose the appropriate join
mechanism based on the join mechanism (OTAA/
ABP) chosen while registering the end device.
4.Enter the appropriate EUI/Address/Keys
(LoRaWAN Network Provisioning Information)
based on the join mechanism chosen. Provision-
ing information can be either uppercase 0-F or
lower case 0-f values without spaces or special
characters in between subsequent values.
5.Once all the network parameters for the expect-
ed join type are entered, confirm the network
parameters entered.
6.Choose the demo application by selecting the ap-
propriate band based on the region of operation.
• The preprogrammed end device appli-
cation supports 7 bands of LoRaWAN
regional specification, AU915, AS923,
EU868, IND865, JPN923, KR920, NA915.
• After choosing the band, join request is
sent to the Gateway-network server/join
server.
1
2
3
www.microchip.com/EV23M25A


Similar Part No. - WLR089

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLRCA2 OMRON-WLRCA2 Datasheet
2Mb / 42P
Two-circuit Limit Switch
WLRCA2 OMRON-WLRCA2 Datasheet
10Mb / 52P
Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLRCA2-2 OMRON-WLRCA2-2 Datasheet
10Mb / 52P
Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLRCA2-2-N OMRON-WLRCA2-2-N Datasheet
10Mb / 52P
Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLRCA2-2N OMRON-WLRCA2-2N Datasheet
2Mb / 42P
Two-circuit Limit Switch
More results

Similar Description - WLR089

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
logo
Humirel
HTU21D HUMIREL-HTU21D Datasheet
0Kb / 7P
MEAS HTU21D XPLAINED PRO BOARD
logo
ATMEL Corporation
ATAN0114 ATMEL-ATAN0114 Datasheet
525Kb / 11P
Atmel QT4 Xplained Pro User Guide
SAMA5D2 ATMEL-SAMA5D2 Datasheet
2Mb / 74P
SAMA5D2 Xplained Ultra Evaluation Kit
logo
Microchip Technology
ATMBUSADAPTER-XPRO MICROCHIP-ATMBUSADAPTER-XPRO Datasheet
83Kb / 1P
mikroBUS Xplained Pro
logo
ATMEL Corporation
SAMC21 ATMEL-SAMC21 Datasheet
8Mb / 46P
SMART ARM-based Microcontrollers Xplained Pro
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com