Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8049 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM8049
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM8049 Datasheet HTML 3Page - Analog Devices LTM8049 Datasheet HTML 4Page - Analog Devices LTM8049 Datasheet HTML 5Page - Analog Devices LTM8049 Datasheet HTML 6Page - Analog Devices LTM8049 Datasheet HTML 7Page - Analog Devices LTM8049 Datasheet HTML 8Page - Analog Devices LTM8049 Datasheet HTML 9Page - Analog Devices LTM8049 Datasheet HTML 10Page - Analog Devices LTM8049 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM8083
7
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
GND (Bank 0, Pin D7): Tie these GND pins to a local
ground plane below the LTM8083 and the circuit com-
ponents. In most applications, the majority of the heat
of the LTM8083 flows out through these pads, so the
printed circuit design has a large impact on the thermal
performance of the part. See the PCB Layout and Thermal
Considerations sections for more details. Return the feed-
back divider (RFB) to this net.
VIN (Bank 1): Input Power. The VIN pin supplies current
to the internal power switches. This pin must be locally
bypassed with an external, low ESR ceramic capacitor.
VOUT (Bank 2): Power Output Pins. Apply the output filter
capacitor and the output load between these pins and
GND pins.
SVIN (Pin A6): Bias Supply. The SVIN pin supplies the
internal circuitry and the INTVCC linear regulator. Connect
this pin to VIN or another power supply. Bypass this pin
to ground with a ceramic capacitor.
TST2 (Pin A7): Test Pin 2. This pin is used in production
testing. Do not drive a voltage into this pin; This pin must
be tied to GND.
EN/UVLO (Pin B6): Enable and Undervoltage Lockout.
Force the pin below 0.3V to shut down the part and reduce
VIN quiescent current to 0.9μA. Force the pin above
1.240V for normal operation. The accurate 1.210V falling
threshold can be used to program an undervoltage lock-
out (UVLO) threshold with a resistor divider from VIN to
ground. An accurate 2.5μA pull-down current allows the
programming of VIN UVLO hysteresis. If neither function
is used, tie this pin directly to VIN.
OVLO (Pin B7): Overvoltage Lockout. The OVLO pin is
used to program an overvoltage lockout (OVLO) threshold
with a resistor divider from VIN to ground. Force the pin
above 1.250V to pull SS pin to ground and stop switching.
If not used, tie this pin to ground.
INTVCC (Pin C6): Internal 3.6V Linear Regulator Output.
Powered from the SVIN pin, the INTVCC supplies the
internal control circuitry and gate drivers. No decoupling
ceramic capacitor is required.
CTRL (Pin C7): ISP-ISN Current Sense Adjustment. The
voltage on this pin determines current limit threshold
voltage of ISP-ISN. The current limit threshold is 100mV
when this pin is floated. Apply a voltage below 1.35V to
reduce the current limit threshold of ISP-ISN across the
output sense resistor. This pin is internally pulled up to 2V
reference voltage with a 100k resistor. See the Applications
Information section for more details.
ISMON (Pin D6): ISP-ISN Current Monitor. This pin pro-
duces a voltage that is 10 times the voltage of VISP-VISN
plus 0.25V offset voltage. ISMON will equal 1.25V when
VISP – VISN = 100mV.
VC (Pin E6): Error Amplifier Output. The VC pin is nor-
mally left open in LTM8083 applications as it is already
internally compensated.
RT (Pin E7): Switching Frequency Setting. Connect a
resistor from this pin to ground to set the internal oscil-
lator frequency from 300kHz to 2MHz. See Table 1 for
resistor values to set common switching frequencies.
ISN (Pin F3): Negative Terminal of Current Sense Resistor.
Ensure accurate current sense with Kelvin connection.
SS (Pin F6): Soft-Start. A 10nF capacitor has been inte-
grated inside LTM8083 for start-up. To increase the
built-in soft-start time, connect a capacitor from SS to
GND. If no additional soft-start time is required, leave
this pin floating.
FB (Pin F7): Feedback. The LTM8083 regulates its FB
pin to 1V. Connect a resistor divider from this pin to the
output and to ground to set the output voltage. When an
output current sense resistor is connected to ISP and
ISN, connect the resistor network to ISN for improved
load regulation.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com