Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z43VC Datasheet(PDF) 3 Page - ON Semiconductor

Part # MM3Z43VC
Description  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z43VC Datasheet(HTML) 3 Page - ON Semiconductor

  MM3Z43VC Datasheet HTML 1Page - ON Semiconductor MM3Z43VC Datasheet HTML 2Page - ON Semiconductor MM3Z43VC Datasheet HTML 3Page - ON Semiconductor MM3Z43VC Datasheet HTML 4Page - ON Semiconductor MM3Z43VC Datasheet HTML 5Page - ON Semiconductor MM3Z43VC Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MM3Z2V4C − MM3Z75VC
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Zener Current vs. Zener Voltage
Figure 2. Zener Current vs. Zener Impedance
Figure 3. MM3Z3V6B
Zener Current vs. Zener Voltage
Figure 4. MM3Z6V8B
Zener Current vs. Zener Voltage
Figure 5. MM3Z11VB
Zener Current vs. Zener Voltage
Figure 6. MM3Z24VB
Zener Current vs. Zener Voltage
1
2
3
4
5
6
7 8 910
20
30
0
10
20
30
40
50
MM3Z36VB
MM3Z24VB
T
A
= 25
OC
MM3Z3V6B
MM3Z6V8C
MM3Z11VB
I
Z
− Zener Current, [mA]
0.1110
1
10
100
1000
10000
MM3Z24VB
MM3Z11VB
T
A
= 25
OC
MM3Z36VB
MM3Z3V6B
MM3Z6V8C
I
Z
− Zener Current, [mA]
1
2
3
4
5
6789
20
30
2.5
3.0
3.5
4.0
4.5
125
OC
−25
OC
−0
OC
85
OC
100
OC
25
OC
I
Z
− Zener Current, [mA]
1
2
3
4
5
6789
20
30
6.4
6.6
6.8
7.0
7.2
7.4
125
OC
−25
OC
−0
OC
85
OC
100
OC
25
OC
I
Z
− Zener Current, [mA]
1
2
3
4
5
6789
20
30
10.0
10.5
11.0
11.5
12.0
12.5
125
OC
−25
OC
−0
OC
85
OC
100
OC
25
OC
I
Z
− Zener Current, [mA]
1
2
3
4
5
6
7 8 9
20
30
21
22
23
24
25
26
27
28
125
OC
−25
OC
−0
OC
85
OC
100
OC
25
OC
I
Z
− Zener Current, [mA]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com