Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS500 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # CS500
Description  Flexible Computing Performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS500 Datasheet(HTML) 4 Page - Advanced Micro Devices

  CS500 Datasheet HTML 1Page - Advanced Micro Devices CS500 Datasheet HTML 2Page - Advanced Micro Devices CS500 Datasheet HTML 3Page - Advanced Micro Devices CS500 Datasheet HTML 4Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Cray Inc. 901 Fifth Avenue, Suite 1000 Seattle, WA 98164 Tel: 206.701.2000 Fax: 206.701.2500 www.cray.com
© 2018 Cray Inc. All rights reserved. Specifications are subject to change without notice. Cray and the Cray logo are registered trademarks of, and CS500 and ClusterStor are trademarks of, Cray Inc.
All other trademarks mentioned herein are the properties of their respective owners. 20180530ES
Cray CS500 Specifications
Architecture Air cooled, up to 72 nodes per rack cabinet
Processors and Accelerators Support for AMD EPYC™ processors
Memory 768 GB up to 1,536 GB depending on processor SKU
Interconnect
and Networks
FDR or EDR InfiniBand® with Connect-IB®, Intel® Omni-Path Host Fabric Interface
Options for single- or dual-rail fat tree or 3D torus (configurations vary by chassis)
1 GbE and 10 GbE for management
Redundant networks (InfiniBand, 1 GbE and 10 GbE) with failover
System Management Bright Cluster Manager for HPC (optional)
Reliable, Available,
Serviceable (RAS)
Redundant power, cooling and management servers with failover capabilities
All critical components easily accessible
Resource Management and
Job Scheduling
Options for SLURM, Altair PBS Professional, IBM Platform™ LSF, Adaptive Computing Torque, Maui and Moab,
and Grid Engine
File System
Cray® ClusterStor™, NFS, Local FS (Ext3, Ext4 XFS), Lustre®, GPFS and Panasas® PanFS® available as global
file systems
Disk Storage Full line of FC-attached disk arrays with support for FC, SATA disk drives and SSDs
Operating System
Red Hat, SUSE or CentOS available on compute nodes
ACE Management Servers delivered with Red Hat Linux®
Performance Monitoring Tools Open source packages such as HPCC, Perfctr, IOR, PAPI/IPM, netperf
Compilers, Libraries and Tools
Cray Programming Environment on Cluster Systems: Cray Compiling Environment (CCE), Cray Scientific
Libraries (LibSci and LibSci_ACC), Cray Debugging Support Tools (LGDB and CCDB), and Cray
Performance Measurement, Analysis and Porting Tools (CPMAT).
Optional: PGI compiler, Intel Cluster Toolkit, NVIDIA CUDA®, CUSA C/C++, OpenCL™, Direct Compute
Toolkits, OFED programming tools, Open MPI, MVAPICH2, Intel MPI and IBM® Platform MPI
Power
Power supplies deliver up to 38 kW per cabinet, with actual consumption based upon configuration
Optional 480V power distribution with a choice of 208V or 277V three-phase power supplies
Cooling Features
Air cooled
Airflow: up to 3,000 cfm in densest configuration; Intake: front; Exhaust: back
Optional passive or active chilled cooling rear door heat exchangers
Cabinet Dimensions (HxWxD) 42U/19”: 78.39” (1,991 mm) x 23.62” (600 mm) x 47.24” (1,200 mm) standard rack cabinet
Cabinet Weight 42U/19”: up to 1,856.3 lbs.; 232 lbs./sq. ft. per cabinet
Support and Services Turnkey installation services with worldwide support and service options



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com