Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT283 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CT283
Description  SILICON GENERAL PURPOSE DIODE AXIAL LEAD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CT283 Datasheet(HTML) 1 Page - Continental Device India Limited

  CT283 Datasheet HTML 1Page - Continental Device India Limited CT283 Datasheet HTML 2Page - Continental Device India Limited CT283 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
SILICON GENERAL PURPOSE DIODE AXIAL LEAD
CT282 TO CT287
40V to 325V, 0.2A
500mW
DO- 35
Glass Axial Package
FEATURES
General lPurpose , Industrial, Military And Space Application , Hermetically Sealed Glass With A Stud On
Either Side Of The Glass Passivated Chip Provides Excellent Stability Extremely Low Leakave And Very
High Reliability.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
CT
CT
CT
CT CT
CT
UNIT
282
283 284 285 286 287
Peak Repetitive Reverse Voltage
VRRM
40
80
150 200 250 325
V
Reverses Voltage ( Continuous)
VR
36
70
130 180 225 300
V
Repetivive Peak Forward Current
IFM
650
mA
Non Repetitive Peak Surge
IFSM
2A
Current (8.3ms)
Average Rectified Current
IO *
TA= 25ºC
200
mA
TA= 150ºC
50
mA
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
Power Dissipation
PD
500
mW
Derate At 1.2mA DC/ºC Between Ambient Temperatures of 25º C and 150ºC
Derate At 1.0mA DC/ºC Between Ambient Temperatures of 150º C and 200ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNIT
Forward Voltage
VF
IF=100mA DC,PW=10ms
V
Duty Cycle 2% Max
Reverse Current
IR
VR=VR (Continuous)
n
Α
VR=VR (Continuous),
TA =150ºC
µΑ
Breakdown Voltage
VBR
IR=100µA
CT282
V
CT283
V
CT284
V
CT285
V
CT286
V
CT287
V
DESCRIPTION
SYMBOL TEST CONDITION
UNIT
Diode Capacitance
Cd
VR=10V
ALL
typ
pF
* Pulse Width < 300
µs, Duty Cycle < 2%
<1
VALUE
<25
<5
>40
>80
VALUE
2
>150
>200
>250
>325
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CT283

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
CT2 TEKTRONIX-CT2 Datasheet
1Mb / 4P
AC Current Probes
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
CT2-30 NAIS-CT2-30 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
CT2-34 NAIS-CT2-34 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
CT2-40 NAIS-CT2-40 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
More results

Similar Description - CT283

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N5614 SENSITRON-1N5614 Datasheet
79Kb / 3P
HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
Continental Device Indi...
CS1553 CDIL-CS1553 Datasheet
90Kb / 3P
SILICON GENERAL PURPOSE SWITCHING DIODES AXIAL LEAD
logo
Semikron International
3EZ1 SEMIKRON-3EZ1_06 Datasheet
46Kb / 1P
Axial lead diode Zener silicon diodes
ZY1 SEMIKRON-ZY1 Datasheet
48Kb / 1P
Axial lead diode Zener silicon diodes
ZPY1 SEMIKRON-ZPY1 Datasheet
48Kb / 1P
Axial lead diode Zener silicon diodes
logo
Weitron Technology
SR120 WEITRON-SR120 Datasheet
238Kb / 3P
Axial Lead General Purpose Plastic Rectifier
logo
Sensitron
1N5614 SENSITRON-1N5614_09 Datasheet
54Kb / 3P
HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_10 Datasheet
54Kb / 3P
HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_13 Datasheet
356Kb / 3P
105C General Purpose Axial Lead Aluminum
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com