Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTD3Z Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CTD3Z
Description  Accessories AC Current Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CTD3Z Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CTD3Z Datasheet HTML 1Page - Carlo Gavazzi Holding AG CTD3Z Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice.
CTD-3Z DS ENG 140116
CTD-3Z
Range Table
Wiring Diagram
Dimensions (mm)
Model CTD-3Z from 100 A to 250 A
Primary current
Class
Burden (VA)
A
100
0.5
1.5
150
0.5
1.5
200
0.5
1.5
250
0.5
2.5
Model CTD-3Z from 300 A to 600 A
Primary current
Class
Burden (VA)
A
300
0.5
2.5
400
0.5
5
500
0.5
5
600
0.5
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com