Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTD2X Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CTD2X
Description  Accessories AC Current Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CTD2X Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CTD2X Datasheet HTML 1Page - Carlo Gavazzi Holding AG CTD2X Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice
CTD-2X DS ENG 140116
Range Table
CTD-2X
Model CTD-2X from 40A to 125A
Primary Current
Burden (VA)
A
CL 0.5
CL 1
CL 3
40 (@60°C/140°F)
1.25
50 (@60°C/140°F)
1.5
60 (@60°C/140°F)
2
70 (@60°C/140°F)
2.5
75 (@60°C/140°F)
1.75
2.5
80 (@60°C/140°F)
2
2.75
100 (@60°C/140°F)
2.5
3
120 (@60°C/140°F)
2.75
3.75
125 (@60°C/140°F)
2
2.75
3.75
Model CTD-2X from 150A to 600A
Primary Current
Burden (VA)
A
CL 0.5
CL 1
CL 3
150 (@60°C/140°F)
3
4
5
160 (@60°C/140°F)
3
4
5
200 (@60°C/140°F)
4
5
6.5
250 (@60°C/140°F)
5.5
7
8
300 (@60°C/140°F)
7
8.5
9.5
400 (@50°C/122°F)
12
13.5
14.5
500 (@50°C/122°F)
14
15.5
16.5
600 (@40°C/104°F)
17.5
19
20
Dimensions (mm)
Benefits
42
63
30
12,5
56
25,5
30,5
32,5
28
φ
24
1
2
3
4
6
7
8
9
5
10
Wiring Diagram
• Easy and quick mounting either on a panel
or on a DIN-rail (see figure 1-2).
• Protection of screw terminals using specific
sealable covers to assure always the best
safety (see figure 3).
• Bridging
of
current
transformer
output
without changing the connection of the
secondary,
so
to
avoid
any
output
overvoltage during either the maintenance or
the installation procedure (see figure 4).
• Easy output and earth connection (see fig. 5).
• Screw terminals compatible with any kind of
wire terminals (see figure 6-7-8-9).
• Multiple screws provided with isolation cap
screws to grant a strong and reliable fixing of
the current transformer to the bus-bar (see
figure 10).
S1 S2
L
N P1 P2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com