Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ESS
Description  Wirewound Resistors, Military/Established Reliability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ESS Datasheet(HTML) 1 Page - Vishay Siliconix

  ESS Datasheet HTML 1Page - Vishay Siliconix ESS Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESS, ESW, ESN, EGS, EGW, EGN
Vishay Dale
www.vishay.com
126
Document Number 30203
Revision 23-Sep-02
For technical questions, contact ww2bresistors@vishay.com
Wirewound Resistors, Military/Established Reliability
MIL-PRF-39007 Qualified, Type RWR, R Level
FEATURES
• High temperature silicone coated
• Complete welded construction
• Qualified to MIL-PRF-39007
• Available in non-inductive styles (types ESN and EGN) with
Aryton-Perry winding for lowest reactive components
• “S” level failure rate available
ORDERING INFORMATION
M
FAILURE
RATE
RWR74
MILITARY
TYPE
S
TERMINAL WIRE
AND WINDING
49R9
RESISTANCE
F
TOLERANCE
STANDARD ELECTRICAL SPECIFICATIONS
MIL-PRF-39007
POWER RATING
WEIGHT
P
25
°C
(Typical)
MODEL
TYPE
W
± 0.1%
± 0.5 & ± 1%
g
EGS-1-80
RWR81S
1
0.499 - 1k
0.1 - 1k
0.21
EGW-1
RWR81W
1
0.499 - 1k
0.1 - 1k
0.21
EGN-1-80
RWR81N
1
0.499 - 499
0.1 - 499
0.21
EGN-1-10
RWR81Z
1
0.499 - 499
0.1 - 499
0.21
EGS-2
RWR82S
1.5
0.499 - 1.3k
0.1 - 1.3k
0.23
EGW-2
RWR82W
1.5
0.499 - 1.3k
0.1 - 1.3k
0.23
EGN-2
RWR82N
1.5
0.499 - 649
0.1 - 649
0.23
EGN-2-10
RWR82Z
1.5
0.499 - 649
0.1 - 649
0.23
EGS-3-80
RWR80S
2
0.499 - 3.16k
0.1 - 3.16k
0.34
EGW-3
RWR80W
2
0.499 - 3.16k
0.1 - 3.16k
0.34
EGN-3-80
RWR80N
2
0.499 - 1.58k
0.1 - 1.58k
0.34
EGN-3-10
RWR80Z
2
0.499 - 1.58k
0.1 - 1.58k
0.34
ESS-2A
RWR71S
2
0.499 - 12.1k
0.1 - 12.1k
0.90
ESW-2A
RWR71W
2
0.499 - 12.1k
0.1 - 12.1k
0.90
ESN-2A
RWR71N
2
0.499 - 6.04k
0.1 - 6.04k
0.90
ESN-2A-10
RWR71Z
2
0.499- 6.04k
0.1 - 6.04k
0.90
ESS-2B
RWR89S
3
0.499 - 4.12k
0.1 - 4.12k
0.70
ESW-2B
RWR89W
3
0.499 - 4.12k
0.1 - 4.12k
0.70
ESN-2B
RWR89N
3
0.499 - 2.05k
0.1 - 2.05k
0.70
ESN-2B-10
RWR89Z
3
0.499 - 2.05k
0.1 - 2.05k
0.70
ESS-5
RWR74S
5
0.499 - 12.1k
0.1 - 12.1k
4.2
ESW-5
RWR74W
5
0.499 - 12.1k
0.1 - 12.1k
4.2
ESN-5
RWR74N
5
0.499 - 6.04k
0.1 - 6.04k
4.2
ESN-5-10
RWR74Z
5
0.499 - 6.04k
0.1 - 6.04k
4.2
EGS-10-80
RWR84S
7
0.499 - 12.4k
0.1 - 12.4k
3.6
EGW-10
RWR84W
7
0.499 - 12.4k
0.1 - 12.4k
3.6
EGN-10-80
RWR84N
7
0.499- 6.19k
0.1 - 6.19k
3.6
EGN-10-10
RWR84Z
7
0.499- 6.19k
0.1 - 6.19k
3.6
ESS-10
RWR78S
10
0.499 - 39.2k
0.1 - 39.2k
9.0
ESW-10
RWR78W
10
0.499 - 39.2k
0.1 - 39.2k
9.0
ESN-10
RWR78N
10
0.499- 19.6k
0.1 - 19.6k
9.0
ESN-10-10
RWR78Z
10
0.499- 19.6k
0.1 - 19.6k
9.0
MILITARY RANGE


Similar Part No. - ESS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESS VISHAY-ESS Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
ESS-10 VISHAY-ESS-10 Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
logo
Festo Corporation.
ESS-10-BN FESTO-ESS-10-BN Datasheet
76Kb / 1P
Vacuum suction cup
6/10/22
ESS-10-BS FESTO-ESS-10-BS Datasheet
84Kb / 1P
Vacuum suction cup
6/10/22
ESS-10-BU FESTO-ESS-10-BU Datasheet
79Kb / 1P
Vacuum suction cup
6/10/22
More results

Similar Description - ESS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ERH VISHAY-ERH Datasheet
230Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
29-May-08
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
RWR81S10R0FS VISHAY-RWR81S10R0FS Datasheet
164Kb / 4P
Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
30-Mar-12
RWR81NR100FR VISHAY-RWR81NR100FR Datasheet
164Kb / 4P
Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
30-Mar-12
RER65F7500R VISHAY-RER65F7500R Datasheet
175Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
23-Feb-11
RWR71S1002FR VISHAY-RWR71S1002FR Datasheet
164Kb / 4P
Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
30-Mar-12
RWR89SR100FRB12 VISHAY-RWR89SR100FRB12 Datasheet
165Kb / 4P
Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
11-Jul-13
RER70F VISHAY-RER70F Datasheet
168Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
23-May-13
RERMIL VISHAY-RERMIL Datasheet
158Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
11-Nov-15
RER VISHAY-RER Datasheet
172Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
23-Jun-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com