Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX57 Datasheet(PDF) 3 Page - Microchip Technology

Part # MX57
Description  Low Jitter Crystal Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MX57 Datasheet(HTML) 3 Page - Microchip Technology

  MX57 Datasheet HTML 1Page - Microchip Technology MX57 Datasheet HTML 2Page - Microchip Technology MX57 Datasheet HTML 3Page - Microchip Technology MX57 Datasheet HTML 4Page - Microchip Technology MX57 Datasheet HTML 5Page - Microchip Technology MX57 Datasheet HTML 6Page - Microchip Technology MX57 Datasheet HTML 7Page - Microchip Technology MX57 Datasheet HTML 8Page - Microchip Technology MX57 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2018 Microchip Technology Inc.
DS20005972A-page 3
MX55/57
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage, (VIN) ............................................................................................................................–0.3V to VDD +0.3V
Supply Voltage ......................................................................................................................................... –0.3V to + 4.0V
ESD Protection (HBM) ............................................................................................................................................... 2 kV
ESD Protection (MM) ................................................................................................................................................200V
ESD Protection (CDM) ............................................................................................................................................ 1.5 kV
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VDD = 2.375V to 3.63V, TA = –40°C to +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
(Note 1)
VDD
2.375
—
3.63
V
—
Supply Current
IDD
—85
95
mA
Output enabled LVCMOS (no load).
—
105
120
LVPECL
—80
90
LVDS
—
85
95
HCSL
—
68
—
Output disabled (Tri-state)
Frequency
Stability
Δf
—
—
±50
ppm
Inclusive of initial accuracy, temperature
drift, aging, shock and vibration.
Start-up Time
tSU
——
20
ms
From 90% VDD to valid clock output,
T = +25°C
Input Logic
Levels
VIH
2—
VDD+0.3
V
Input logic-high
VIL
–0.3
—
0.8
Input logic-low
Enable Active
High Option
(Note 2)
—
—
50
—
kΩ
Pull-up resistor on Pin 1 or 2
Enable Active
Low Option
(Note 3)
—
—
50
—
kΩ
Pull-down resistor on Pin 1 or 2
LVCMOS
Frequency
f0
2.5
—
250
MHz
—
Integrated Phase
Noise (Random)
ϕj
—131
—
fsRMS
12 kHz to 5 MHz @ 25 MHz
—
77
—
1.875 MHz to 5 MHz @ 25 MHz
Output High
Voltage
VOH
VDD–0.8
—
—
V
RL = 50Ω termination from Q to VDD–2
Output Low
Voltage
VOL
——
0.6
V
Output Rise/Fall
Time
Tr/Tf
100
—
500
ps
—
Duty Cycle
SYM
45
—
55
%
—
LVPECL
Frequency
f0
2.5
—
850
MHz
—
Integrated Phase
Noise (Random)
ϕj
—130
—
fsRMS
12 kHz to 20 MHz @ 200 MHz
—
96
—
1.875 MHz to 20 MHz @ 200 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com