Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX555ABF Datasheet(PDF) 5 Page - Microchip Technology

Part # MX555ABF
Description  Low Jitter Crystal Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MX555ABF Datasheet(HTML) 5 Page - Microchip Technology

  MX555ABF Datasheet HTML 1Page - Microchip Technology MX555ABF Datasheet HTML 2Page - Microchip Technology MX555ABF Datasheet HTML 3Page - Microchip Technology MX555ABF Datasheet HTML 4Page - Microchip Technology MX555ABF Datasheet HTML 5Page - Microchip Technology MX555ABF Datasheet HTML 6Page - Microchip Technology MX555ABF Datasheet HTML 7Page - Microchip Technology MX555ABF Datasheet HTML 8Page - Microchip Technology MX555ABF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2018 Microchip Technology Inc.
DS20005972A-page 5
MX55/57
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
–40
—
85
°C
Ordering Option I
Junction Operating Temperature
TJ
——
125
°C
—
Storage Temperature Range
TS
–65
—
150
°C
—
Soldering Temperature
—
—
—
260
°C
10 sec. max.
Package Thermal Resistance
Thermal Resistance from Junction to
Ambient
JA
—53
°C/W
5 mm x 7 mm
—
58
5 mm x 3.2 mm
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com