Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX575ANN Datasheet(PDF) 4 Page - Microchip Technology

Part # MX575ANN
Description  Low Jitter Crystal Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MX575ANN Datasheet(HTML) 4 Page - Microchip Technology

  MX575ANN Datasheet HTML 1Page - Microchip Technology MX575ANN Datasheet HTML 2Page - Microchip Technology MX575ANN Datasheet HTML 3Page - Microchip Technology MX575ANN Datasheet HTML 4Page - Microchip Technology MX575ANN Datasheet HTML 5Page - Microchip Technology MX575ANN Datasheet HTML 6Page - Microchip Technology MX575ANN Datasheet HTML 7Page - Microchip Technology MX575ANN Datasheet HTML 8Page - Microchip Technology MX575ANN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MX55/57
DS20005972A-page 4
 2018 Microchip Technology Inc.
Output High
Voltage
VOH
VDD–1.35
VDD–
1.01
VDD–0.8
V
RL = 50Ω termination at Q and Q, both to
VDD–2
Output Low
Voltage
VOL
VDD–2.0
VDD–
1.78
VDD–1.6
mV
Output
Differential
Voltage
VOD
0.65
0.77
0.95
mV
—
Output Rise/Fall
Time
Tr/Tf
85
—
350
ps
—
Duty Cycle
SYM
45
—
55
%
—
LVDS
Frequency
f0
2.5
—
850
MHz
—
Integrated Phase
Noise (Random)
ϕj
—140
—
fsRMS
12 kHz to 20 MHz @ 200 MHz
—
94
—
1.875 MHz to 20 MHz @ 200 MHz
Output High
Voltage
VOH
1.248
1.375
1.602
V
RL = 100Ω termination from Q to Q
Output Low
Voltage
VOL
0.898
1.025
1.252
V
Output
Differential
Voltage
VOD
247
350
454
mV
—
Common Mode
Output Voltage
VCM
1.125
1.2
1.375
V
—
Output Rise/Fall
Time
Tr/Tf
100
—
400
ps
—
Duty Cycle
SYM
45
—
55
%
—
HCSL
Frequency
f0
2.5
—
850
MHz
—
Integrated Phase
Noise (Random)
ϕj
—166
—
fsRMS
12 kHz to 20 MHz @ 100 MHz
—
97
—
1.875 MHz to 20 MHz @ 100 MHz
Output High
Voltage
VOH
660
700
850
V
RL = 50Ω termination at Q and Q to GND
Output Low
Voltage
VOL
–150
0
27
mV
Output
Differential
Voltage
VOD
—
200
250
mV
20% to 80%
—
250
300
—
Common Mode
Output Voltage
VCM
48
—
52
mV
Differential
Output Rise/Fall
Time
Tr/Tf
150
300
450
ps
—
Duty Cycle
SYM
48
—
52
%
—
Note 1: VDD Pin should be filtered with a 0.1 µF capacitor.
2: Output is enabled if pad floated (not connected) or pulled high; output tri-stated if pulled low.
3: Output is enabled if pad floated (not connected) or pulled low; output tri-stated if pulled high.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VDD = 2.375V to 3.63V, TA = –40°C to +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com