Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBA52 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # DBA52
Description  Timers Delay on Release
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DBA52 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  DBA52 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DBA52 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (21.07.08)
67.2
18.7
17.5
Dimensions
Operating Diagram
DBA52
The relay operates as soon
as the trigger contact
is
closed.
The
time
period
begins
when
the
trigger
contact is opened. The relay
releases at the end of the
set delay time or when the
power supply is disconnect-
ed. The relay operates again
when the input contact is
closed again. If it is closed
before the end of the delay
time the relay keeps ON, a
new time period begins as
soon as the trigger contact
is opened again.
Additional Load
It's possible to wire an addi-
tional
load
(i.e.
a
relay)
between pins Y1 and A2
driven by the trigger contact
without
damaging
the
device (see wiring diagram).
Yellow LED working mode
Timing: Slow blinking
Relay ON: See operation
diagrams
Incorrect
knobs
position:
Fast blinking
General Specifications
Time Setting
Mode of Operation
Power ON delay
≤ 100 ms
Indication for
Power supply ON
LED, green
Output relays ON
LED, yellow
(flashing when timing)
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
2 (IEC 60664)
Operating temperature
-20° to +60°C, R.H. < 95%
Storage temperature
-30° to +80°C, R.H. < 95%
Housing
Dimensions
17.5 x 81 x 67.2 mm
Material
PA66
Weight
Approx. 75 g
Screw terminals
Tightening torque
Max. 0.5 Nm according to
IEC EN 60947
Approvals
UL, CSA
CE Marking
Yes
EMC
Electromagnetic Compatibility
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer Specifications
According to EN 61812-1
FunctionDr-Delayonrelease
Powersupply
RelayON
Triggerinput
T
LED
ON
OFF
L(+)
N(-)
m
A1
15
16
18
A2
S
Y1
DBA52
Wiring Diagram
Centre knob:
Time
setting
on
relative
scale: 1 to 10 with respect
to the chosen range.
Lower knob:
Setting of time range.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com