Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBA02 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # DBA02
Description  Timers Delay on Release
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DBA02 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  DBA02 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DBA02 Datasheet HTML 2Page - Carlo Gavazzi Holding AG DBA02 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (20.07.07)
L(+)
N(-)
m
A1
15
16
18
A2
S
Y1
L(+)
N(-)
m
2
5
1
43
10
S
DBA02
PBA02
Wiring Diagrams
Operating Diagram
DBA02, PBA02
The relay operates as soon
as the trigger contact
is
closed.
The
time
period
begins when the trigger con-
tact is opened. The relay
releases at the end of the
set delay time or when the
power supply is disconnect-
ed. The relay operates again
when the input contact is
closed again. If it is closed
before the end of the delay
time the relay keeps ON, a
new time period begins as
soon as the trigger contact
is opened again.
Additional Load
It's possible to wire an addi-
tional
load
(i.e.
a
relay)
between pins Y1 and A2, or
5 and 10, driven by the trig-
ger contact without damag-
ing the device (see wiring
diagram).
Yellow LED working mode
Timing: Slow blinking
Relay ON: See operation
diagrams
Incorrect
knobs
position:
Fast blinking
General Specifications
Time Setting
Mode of Operation
Power ON delay
≤ 100 ms
Indication for
Power supply ON
LED, green
Output relays ON
LED, yellow
(flashing when timing)
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3 (DBA02), 2 (PBA02)
(IEC 60664)
Operating temperature
-20 to 60°C, R.H. < 95%
Storage temperature
-30 to 80°C, R.H. < 95%
Housing
Dimensions
DBA02
22.5 x 80 x 99.5 mm
PBA02
36 x 80 x 94 mm
FunctionDr-Delayonrelease
Powersupply
RelayON
Triggerinput
T
LED
Centre knob:
Time
setting
on
relative
scale: 1 to 10 with respect
to the chosen range.
Lower knob:
Setting of time range.
Weight
Approx. 130 g
Screw terminals
Tightening torque
Max. 0.5 Nm according to
IEC 60947
Approvals
UL, CSA
CE Marking
Yes
EMC
Electromagnetic Compatibility
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer Specifications
According to EN 61812-1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com