Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC01 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # DAC01
Description  Timers Star Delta Types
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DAC01 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  DAC01 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DAC01 Datasheet HTML 2Page - Carlo Gavazzi Holding AG DAC01 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (20.06.07)
DAC01, PAC01
Supply Specifications
General Specifications
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
A1 and A2
(DAC01)
2, 10
(PAC01)
M24
24 to 240 VAC/DC
+10% -15%, 45 to 65 Hz
M40:
380 to 415 VAC
+10% -15%, 45 to 65 Hz
Voltage interruption
≤ 10 ms
Rated operational power
M24
AC Supply:
4 VA
DC Supply:
1.5 W
M40
AC Supply:
13 VA @ 400 VAC, 50 Hz
Power ON delay
≤ 100 ms
Power OFF delay
≤ 100 ms
Indication for
Power supply ON
LED, green
Output relays ON
LED, yellow (flashing when
timing)
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3 (DAC01) ,2 (PAC01)
(IEC 60664)
Operating temperature
-20 to 60 °C, R.H. < 95%
Storage temperature
-30 to 80 °C, R.H. < 95%
Housing
Dimensions
DAC01
22.5 x 80 x 99.5 mm
PAC01
36 x 80 x 94 mm
Weight
Approx 110 g
Screw terminals
DAC01
Tightening torque
Max 0.5 Nm according to
IEC EN 60947
Approvals
UL, CSA
CE Marking
Yes
EMC
Electromagnetic Compatibility
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer Specifications
According to EN 61812-1
Mode of Operation
The output relay is normally
in the neutral centre position.
When the power supply is
applied, the relay switches to
star position (pin 16 or 4)
and the star period starts.
At the end of the set time
period, the relay returns to
the neutral centre position
and the set delay between
star and delta position starts.
At the end of the star to
delta delay (adjustable from
50 to 130 ms), the relay
switches in delta position
(pin 18 or 3) and does not
release until the power sup-
ply is interrupted for at least
200 ms.
If the power supply is inter-
rupted for more than 200 ms
before the star time period
has expired, the relay does
not operate and the time cir-
cuit is set to zero. The relay is
ready for a new time period.
Time Setting
Upper knob:
Setting of star time range
Centre knob:
Star time setting on relative
scale: 1 to 10 with respect
to the chosen range.
Lower knob:
Star to delta time setting (50
to 130 ms)
Operation Diagram
PowerSupply
RelayON(15-16)Y
RelayON(15-18)D
T
Y
T
Y
T
Y-D
T
Y-D
³
200ms
³
200ms
£
40 ms
≤ 10 ms
ON
OFF
ON
OFF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com