Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBB01DM24 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # DBB01DM24
Description  Timers True delay on release Types
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DBB01DM24 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  DBB01DM24 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DBB01DM24 Datasheet HTML 2Page - Carlo Gavazzi Holding AG DBB01DM24 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (15.04.10)
1
Timers
True delay on release
Types DBB01, PBB01
• Time range 0.1 to 600 s - capacitor powered
• 4 time ranges selectable by DIP-switches
• Knob-adjustable time setting
• Automatic start after drop-out of power supply
• Repeatability:
≤ 0.2%
• Output: 8 A SPDT or 8 A DPDT relay
• For mounting on DIN-rail in accordance with DIN/EN
50 022 or Plug-in
• 22.5 mm Euronorm or 36 mm Plug-in module housing
• Combined AC and DC power supply
• LED indication for power supply ON
Product Description
Multi voltage true delay on
release timer with 4 time
ranges from 0.1 to 600 s
selectable by DIP-switches.
For mounting on DIN-rail
(DBB01) or Plug-in (PBB01).
Type Selection
Mounting
Output
Housing
Supply: 12 to 24 VDC
Supply: 24 to 240 VAC/DC
For DIN-rail
SPDT
D - Housing
DBB 01 C 724
DBB 01 C M24
DPDT
D - Housing
DBB 01 D 724
DBB 01 D M24
Plug-in
SPDT
P - Housing
PBB 01 C 724
PBB 01 C M24
DPDT
P - Housing
PBB 01 D 724
PBB 01 D M24
Time Specifications
Time ranges
Selectable by DIP-switches
0.1 to
1 s
1
to
10 s
6
to
60 s
60 to 600 s
Repeatability
≤ 0.2%
Time variation
Within rated power supply
≤ 0.05%
Within ambient temperature
≤ 0.2%
Reset
Power supply applied
for min. 200 ms
Output Specifications
Output
SPDT or DPDT relay
Rated insulation voltage
250 VAC (RMS)
Contact Ratings (AgNi)
µ
Resistive loads
AC 1
8 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads
AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
Mechanical life
≥ 2 x 106 operations
Electrical life
AC1
≥ 105 operations
(at max load)
Operating frequency
< 3600 operations / h
Dielectric strength
Dielectric voltage
2 kVAC (RMS)
Rated impulse withstand
voltage
4 kV (1.2/50
µs)
DBB01
PBB01
Ordering key
DBB 01 C M24
Housing
Function
Type
Item number
Output
Power Supply
Supply Specifications
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
(DBB01...M24)
A1, A2
24 to 240 VAC/DC
(PBB01...M24)
2, 10
+10% -15%, 45 to 65 Hz
(DBB01...724)
A1, A2
12 to 24 VDC
(PBB01...724)
2, 10
+15% -10%
Voltage interruption
≤ 40 ms
Rated operational power
AC supply:
2.2 VA
DC supply:
0.6 W


Similar Part No. - DBB01DM24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBB01DM24 ETC2-DBB01DM24 Datasheet
97Kb / 3P
Timers True delay on release
More results

Similar Description - DBB01DM24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B128220006 ETC2-B128220006 Datasheet
64Kb / 2P
Timers Delay on Release
DBA02CM24 ETC2-DBA02CM24 Datasheet
89Kb / 3P
Timers Delay on Release
DBB01C724 ETC2-DBB01C724 Datasheet
97Kb / 3P
Timers True delay on release
EBECT2310H ETC2-EBECT2310H Datasheet
40Kb / 2P
Timers Interval, Delay on Release
logo
Carlo Gavazzi Holding A...
DBA52 CARLOGAVAZZI-DBA52 Datasheet
68Kb / 2P
Timers Delay on Release
DBA02 CARLOGAVAZZI-DBA02 Datasheet
91Kb / 3P
Timers Delay on Release
DBB51 CARLOGAVAZZI-DBB51 Datasheet
70Kb / 2P
Timers True Delay on Release
DBB02 CARLOGAVAZZI-DBB02 Datasheet
124Kb / 3P
Timers True delay on release
FAA01 CARLOGAVAZZI-FAA01 Datasheet
225Kb / 4P
Timers Delay on Operate Types FAA01, FAA08
HAA08DM24 CARLOGAVAZZI-HAA08DM24 Datasheet
159Kb / 3P
Timers Delay on Operate Types HAA08, HAA14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com