Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS034N15MC Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS034N15MC
Description  MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS034N15MC Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS034N15MC Datasheet HTML 1Page - ON Semiconductor NTMFS034N15MC Datasheet HTML 2Page - ON Semiconductor NTMFS034N15MC Datasheet HTML 3Page - ON Semiconductor NTMFS034N15MC Datasheet HTML 4Page - ON Semiconductor NTMFS034N15MC Datasheet HTML 5Page - ON Semiconductor NTMFS034N15MC Datasheet HTML 6Page - ON Semiconductor NTMFS034N15MC Datasheet HTML 7Page - ON Semiconductor NTMFS034N15MC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTMFS034N15MC
www.onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State (Note 2)
RqJC
2.0
°C/W
Junction−to−Ambient − Steady State (Notes 1, 2)
RqJA
50
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
150
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
ID = 250 mA, ref to 25°C
86
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 120 V
TJ = 25°C
1.0
mA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 70 mA
2.5
4.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
ID = 70 mA, ref to 25°C
−7.7
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 13 A
25
31
mW
Drain−to−Source On Resistance
RDS(on)
VGS = 8 V, ID = 6 A
27
36.5
mW
Forward Transconductance
gFS
VDS = 10 V, ID = 13 A
27
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 75 V
905
pF
Output Capacitance
COSS
270
Reverse Transfer Capacitance
CRSS
5
Gate−Resistance
RG
0.6
1.2
W
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 75 V; ID = 13 A
12
nC
Threshold Gate Charge
QG(TH)
3.1
Gate−to−Source Charge
QGS
4.8
Gate−to−Drain Charge
QGD
1.8
Plateau Voltage
VGP
5.4
V
Output Charge
QOSS
VDD = 75 V, VGS = 0 V
32
nC
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDD = 75 V,
ID = 13 A, RG = 6 W
12
ns
Rise Time
tr
2.2
Turn−Off Delay Time
td(OFF)
14
Fall Time
tf
2.5
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 13 A
TJ = 25°C
0.87
1.2
V
Reverse Recovery Time
tRR
VGS = 0 V, VDD = 75 V
dIS/dt = 300 A/ms, IS = 13 A
41
ns
Reverse Recovery Charge
QRR
126
nC
Reverse Recovery Time
tRR
VGS = 0 V, VDD = 75 V
dIS/dt = 1000 A/ms, IS = 13 A
22
ns
Reverse Recovery Charge
QRR
164
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com