Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTPF360N80S3Z Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTPF360N80S3Z
Description  MOSFET ??Power, N-Channel, SUPERFET III 800 V, 360 m, 13 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTPF360N80S3Z Datasheet(HTML) 2 Page - ON Semiconductor

  NTPF360N80S3Z Datasheet HTML 1Page - ON Semiconductor NTPF360N80S3Z Datasheet HTML 2Page - ON Semiconductor NTPF360N80S3Z Datasheet HTML 3Page - ON Semiconductor NTPF360N80S3Z Datasheet HTML 4Page - ON Semiconductor NTPF360N80S3Z Datasheet HTML 5Page - ON Semiconductor NTPF360N80S3Z Datasheet HTML 6Page - ON Semiconductor NTPF360N80S3Z Datasheet HTML 7Page - ON Semiconductor NTPF360N80S3Z Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTPF360N80S3Z
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (TJ = 25°C, unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain−to−Source Voltage
800
V
VGS
Gate−to−Source Voltage
DC
±20
V
AC (f > 1 Hz)
±30
ID
Drain Current
Continuous (TC = 25°C)
13*
A
Continuous (TC = 100°C)
8.2*
IDM
Drain Current
Pulsed (Note 1)
32.5*
A
EAS
Single Pulsed Avalanche Energy (Note 2)
40
mJ
IAS
Avalanche Current (Note 2)
2.0
A
EAR
Repetitive Avalanche Energy (Note 1)
0.31
mJ
dv/dt
MOSFET dv/dt
100
V/ns
Peak Diode Recovery dv/dt (Note 3)
10
PD
Power Dissipation
(TC = 25°C)
31
W
Derate Above 25°C
0.168
W/°C
TJ, TSTG
Operating and Storage Temperature Range
−55 to +150
°C
TL
Lead Temperature Soldering Reflow for Soldering Purposes
(1/8″ from Case for 10 seconds)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
*Drain current limited by maximum junction temperature
1. Repetitive rating: pulse−width limited by maximum junction temperature.
2. IAS = 2.0 A, RG = 25 W, starting TJ = 25°C.
3. ISD ≤ 3.25 A, di/dt ≤ 200 A/ms, VDD ≤ 400 V, starting TJ = 25°C.
THERMAL RESISTANCE RATINGS
Symbol
Parameter
Value
Unit
RqJC
Junction−to−Case − Steady State
4.04
_C/W
RqJA
Junction−to−Ambient − Steady State
62.5
PACKAGE MARKING AND ORDERING INFORMATION
Part Number
Top Marking
Package
Packing Method
Reel Size
Tape Width
Quantity
NTPF360N80S3Z
NTPF360N80S3Z
TO−220F
Tube
N/A
N/A
50 Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com