Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221XHH Datasheet(PDF) 13 Page - Microsemi Corporation

Part # VSC8221XHH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221XHH Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button VSC8221XHH Datasheet HTML 9Page - Microsemi Corporation VSC8221XHH Datasheet HTML 10Page - Microsemi Corporation VSC8221XHH Datasheet HTML 11Page - Microsemi Corporation VSC8221XHH Datasheet HTML 12Page - Microsemi Corporation VSC8221XHH Datasheet HTML 13Page - Microsemi Corporation VSC8221XHH Datasheet HTML 14Page - Microsemi Corporation VSC8221XHH Datasheet HTML 15Page - Microsemi Corporation VSC8221XHH Datasheet HTML 16Page - Microsemi Corporation VSC8221XHH Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
13 of 13
13
Table 32. PHY Register Names and Addresses ................................................................................................. 65
Table 33. PHY Operating Modes ......................................................................................................................... 86
Table 34. Absolute Maximum Ratings ...............................................................................................................107
Table 35. Recommended Operating Conditions ..............................................................................................107
Table 36. Thermal Application Data ...................................................................................................................108
Table 37. Thermal Resistances .........................................................................................................................108
Table 38. Thermal Specifications - 100-Ball TFBGA 9 × 9mm package .........................................................109
Table 39. VDDiO at 3.3 V, SerDes-Cat-5, SCLK Disabled ..............................................................................109
Table 40. VDDiO at 3.3 V, SGMii-Cat-5 (1000 Mbps), SCLK Disabled .......................................................... 110
Table 41. VDDiO at 3.3 V, SGMii-Cat-5 (100 Mbps), SCLK Disabled ............................................................ 110
Table 42. VDDiO at 3.3 V, SGMii-Cat-5 (10 Mbps), SCLK Disabled ................................................................111
Table 43. VDDiO at 3.3 V SerDes-Cat-5, SCLK Enabled .................................................................................111
Table 44. VDDiO at 3.3 V SerDes-Cat-5, SFP Mode On ................................................................................. 112
Table 45. VDDiO at 3.3V SGMii-100BASE-FX, SFP Mode Off ....................................................................... 112
Table 46. VDDiO at 3.3 V SerDes-Cat-5, SFP Mode On, Regulator On ........................................................ 112
Table 47. Digital Pins Specifications (VDDiO = 3.3 V) ..................................................................................... 114
Table 48. Digital Pins Specifications (VDDiO = 2.5 V) ..................................................................................... 114
Table 49. LED Output Pins Specification .......................................................................................................... 115
Table 50. Reference Clock Option Specifications ............................................................................................ 116
Table 51. Crystal Option Specifications ............................................................................................................. 116
Table 52. SerDes Specifications ........................................................................................................................ 117
Table 53. JTAG Timing Specifications ............................................................................................................... 118
Table 54. SMi Timing Specifications .................................................................................................................. 119
Table 55. MDiNT Timing Specifications .............................................................................................................120
Table 56. Serial LED_CLK and LED_DATA Timing Specifications .................................................................120
Table 57. REFCLK Timing Specifications .........................................................................................................121
Table 58. CLKOUT and CLKOUTMiCRO Timing Specifications ....................................................................122
Table 59. RESET AC Timing Specification .......................................................................................................123
Table 60. Part Number for the VSC8221 ..........................................................................................................125
Table 61. Software Reset Times ........................................................................................................................128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com