Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX83C15 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BZX83C15
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX83C15 Datasheet(HTML) 2 Page - Continental Device India Limited

  BZX83C15 Datasheet HTML 1Page - Continental Device India Limited BZX83C15 Datasheet HTML 2Page - Continental Device India Limited BZX83C15 Datasheet HTML 3Page - Continental Device India Limited BZX83C15 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILIICON PLANAR ZENER DIODES
BZX83C
2V7 to 56V
500mW
DO- 35
Glass Axial Package
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
VZT
rZT
IZT
rZK
IZK
Temp. Coeff
IR @
VR
IZM
@ IZT*
@ IZT*
@ IZK
of
Ta
Zener Voltage
25°C
min
max
max
max
typ
max
max
(V)
(V)
(
Ω
Ω)
(mA)
(
Ω
Ω)
(mA)
(%/°C)
(
µµA)
(V)
(mA)
BZX83C 30
28.00
32.00
90
5.0
250
1.0
+0.09
1
22
13
BZX83C 33
31.00
35.00
90
5.0
250
1.0
+0.09
1
24
12
BZX83C 36
34.00
38.00
90
5.0
250
1.0
+0.09
1
27
11
BZX83C 39
37.00
41.00
100
2.5
600
0.5
+0.09
1
30
10
BZX83C 43
40.00
46.00
100
2.5
700
0.5
+0.09
1
33
9.2
BZX83C 47
44.00
50.00
120
2.5
1000
0.5
+0.09
1
36
8.5
BZX83C 51
48.00
54.00
135
2.5
1000
0.5
+0.09
1
39
7.8
BZX83C 56
52.00
60.00
145
2.5
1000
0.5
+0.09
1
43
7.0
*Pulse Condition : 20ms < tp <50ms . Duty Cycle <2%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com