Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM3000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DWM3000
Description  IEEE 802.15.4-z UWB Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DWM3000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DWM3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DWM3000 Datasheet
© Qorvo 2020
Preliminary
Version 0.1
Page 5
Figure 1: Timing diagram for cold start POR
Figure 2 Timing diagram for warm start
VDD1
PORn/RSTn
EXTON
VDD2/VDD3 OK
DIG State
INIT_RC
IDLE_RC
<1 ms
AON Power up
ACTIVE States
(INIT_RC, IDLE_RC, IDLE_PLL, TX, RX)
Host interrupt (SPI comms
allowed @ 38 MHz)
HOST IRQ
OFF
XTAL Oscillator
Fast Oscillator
VDD2/VDD3
IDLE_PLL
WAKEUP
~70 µs
OTP boot
Sample GPIOs 5&6 to set
SPI mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com