Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GL303 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC24FJ128GL303
Description  16-Bit eXtreme Low-Power Microcontrollers with LCD Controller in Low Pin Count Packages
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GL303 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC24FJ128GL303 Datasheet HTML 35Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 36Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 37Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 38Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 39Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 40Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 41Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 42Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 424 page
background image
 2019-2020 Microchip Technology Inc.
DS30010198B-page 39
PIC24FJ128GL306 FAMILY
TABLE 4-3:
SFR MAP: 0100h BLOCK
Register
Address(1)
All Resets(2)
Register
Address(1)
All Resets(2)
Oscillator and Reset
Timers (Continued)
OSCCON
0100h
-qqq-qqq00q00000
TMR2
0196h
0000000000000000
CLKDIV
0102h
0011000000q-----
TMR3HLD
0198h
0000000000000000
OSCTUN
0106h
0000000000000000
TMR3
019Ah
0000000000000000
OSCDIV
010Ch
-000000000000001
PR2
019Ch
1111111111111111
OSCFDIV
010Eh
000000000-------
PR3
019Eh
1111111111111111
RCON
0110h
0010--0000000011
T2CON
01A0h
0-0---xx-0000-0-
HLVD
T3CON
01A2h
0-0---xx-000--0-
HLVDCON
0114h
0-0-xxxx----0000
TMR4
01A4h
0000000000000000
CRC
TMR5HLD
01A6h
0000000000000000
CRCCON1
0158h
0-00000001x00---
TMR5
01A8h
0000000000000000
CRCCON2
015Ah
---00000---00000
PR4
01AAh
1111111111111111
CRCXORL
015Ch
000000000000000-
PR5
01ACh
1111111111111111
CRCXORH
015Eh
0000000000000000
T4CON
01AEh
0-0---xx-0000-0-
CRCDATL
0160h
xxxxxxxxxxxxxxxx
T5CON
01B0h
0-0---xx-000--0-
CRCDATH
0162h
xxxxxxxxxxxxxxxx
Real-Time Clock and Calendar (RTCC)
CRCWDATL
0164h
xxxxxxxxxxxxxxxx
RTCCON1L
01CCh
0---00000000---0
CRCWDATH
0166h
xxxxxxxxxxxxxxxx
RTCCON1H
01CEh
00--000000000000
REFO
RTCCON2L
01D0h
10000---0000--00
REFOCONL
0168h
0-000-00----0000
RTCCON2H
01D2h
0011111111111111
REFOCONH
016Ah
-000000000000000
RTCCON3L
01D4h
0000000000000000
PMD
RTCSTATL
01D8h
----------0-0000
PMD1
0178h
00000---00000--0
TIMEL
01DCh
-0000000--------
PMD2
017Ah
----------------
TIMEH
01DEh
--000000-0000000
PMD3
017Ch
-----00-0---0-0-
DATEL
01E0h
--000001-----110
PMD4
017Eh
------------000-
DATEH
01E2h
00000000---00001
PMD5
0180h
-----------xxxxx
ALMTIMEL
01E4h
-0000000--------
PMD6
0182h
---------------0
ALMTIMEH
01E6h
--000000-0000000
PMD7
0184h
----------00----
ALMDATEL
01E8h
--000001-----110
PMD8
0186h
------------00--
ALMDATEH
01EAh
00000000---00001
Timers
TSATIMEL
01ECh
-0000000--------
TMR1
0190h
0000000000000000
TSATIMEH
01EEh
--000000-0000000
PR1
0192h
1111111111111111
TSADATEL
01F0h
--000000-----000
T1CON
0194h
0-0---00-000-00-
TSADATEH
01F2h
00000000---00000
Legend: x = unknown or indeterminate value; - = unimplemented bits; q = value set by Configuration bits.
Note 1: Address values are in hexadecimal.
2: Reset values are in binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com