Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS08 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS08
Description  SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS08 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74HCS08 Datasheet HTML 4Page - Texas Instruments SN74HCS08 Datasheet HTML 5Page - Texas Instruments SN74HCS08 Datasheet HTML 6Page - Texas Instruments SN74HCS08 Datasheet HTML 7Page - Texas Instruments SN74HCS08 Datasheet HTML 8Page - Texas Instruments SN74HCS08 Datasheet HTML 9Page - Texas Instruments SN74HCS08 Datasheet HTML 10Page - Texas Instruments SN74HCS08 Datasheet HTML 11Page - Texas Instruments SN74HCS08 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8 Detailed Description
8.1 Overview
This device contains four independent 2-input AND Gates with Schmitt-trigger inputs. Each gate performs the
Boolean function Y = A ● B in positive logic.
8.2 Functional Block Diagram
One of Four Channels
xA
xB
xY
8.3 Feature Description
8.3.1 Balanced CMOS Push-Pull Outputs
This device includes balanced CMOS push-pull outputs. The term "balanced" indicates that the device can sink
and source similar currents. The drive capability of this device may create fast edges into light loads so routing
and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are capable
of driving larger currents than the device can sustain without being damaged. It is important for the output power
of the device to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the
Absolute Maximum Ratings must be followed at all times.
Unused push-pull CMOS outputs should be left disconnected.
8.3.2 CMOS Schmitt-Trigger Inputs
This device includes inputs with the Schmitt-trigger architecture. These inputs are high impedance and are
typically modeled as a resistor in parallel with the input capacitance given in the Electrical Characteristics table
from the input to ground. The worst case resistance is calculated with the maximum input voltage, given in the
Absolute Maximum Ratings table, and the maximum input leakage current, given in the Electrical Characteristics
table, using Ohm's law (R = V ÷ I).
The Schmitt-trigger input architecture provides hysteresis as defined by ΔVT in the Electrical Characteristics
table, which makes this device extremely tolerant to slow or noisy inputs. While the inputs can be driven much
slower than standard CMOS inputs, it is still recommended to properly terminate unused inputs. Driving the
inputs with slow transitioning signals will increase dynamic current consumption of the device. For additional
information regarding Schmitt-trigger inputs, please see Understanding Schmitt Triggers.
8.3.3 Clamp Diode Structure
The inputs and outputs to this device have both positive and negative clamping diodes as depicted in Electrical
Placement of Clamping Diodes for Each Input and Output.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage to
the device. The input and output voltage ratings may be exceeded if the input and output clamp-
current ratings are observed.
SN74HCS08
SCLS778B – DECEMBER 2019 – REVISED JANUARY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com