Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS32 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS32
Description  SN74HCS32 Quadruple 2-Input OR Gates with Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS32 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS32 Datasheet HTML 2Page - Texas Instruments SN74HCS32 Datasheet HTML 3Page - Texas Instruments SN74HCS32 Datasheet HTML 4Page - Texas Instruments SN74HCS32 Datasheet HTML 5Page - Texas Instruments SN74HCS32 Datasheet HTML 6Page - Texas Instruments SN74HCS32 Datasheet HTML 7Page - Texas Instruments SN74HCS32 Datasheet HTML 8Page - Texas Instruments SN74HCS32 Datasheet HTML 9Page - Texas Instruments SN74HCS32 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6.6 Switching Characteristics
CL = 50 pF; over operating free-air temperature range; typical ratings measured at TA = 25°C (unless otherwise noted). See
Parameter Measurement Information.
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
MIN
TYP
MAX
UNIT
tpd
Propagation delay
A or B
Y
2 V
15
36
ns
4.5 V
7
13
6 V
6
12
tt
Transition-time
Y
2 V
9
16
ns
4.5 V
5
9
6 V
4
8
6.7 Typical Characteristics
TA = 25°C
Output Sink Current (mA)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
26
28
30
32
34
36
38
40
42
44
46
VCC = 2 V
VCC = 3.3 V
VCC = 4.5 V
VCC = 6 V
Figure 6-1. Output driver resistance in LOW state.
Output Source Current (mA)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
30
35
40
45
50
55
60
65
70
VCC = 2 V
VCC = 3.3 V
VCC = 4.5 V
VCC = 6 V
Figure 6-2. Output driver resistance in HIGH state.
VI ± Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
VCC = 2 V
VCC = 2.5 V
VCC = 3.3 V
Figure 6-3. Supply current across input voltage, 2-,
2.5-, and 3.3-V supply
VI ± Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
VCC = 4.5 V
VCC = 5 V
VCC = 6 V
Figure 6-4. Supply current across input voltage,
4.5-, 5-, and 6-V supply
SN74HCS32
SCLS781B – JANUARY 2020 – REVISED JANUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com