Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS86 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS86
Description  SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS86 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HCS86 Datasheet HTML 1Page - Texas Instruments SN74HCS86 Datasheet HTML 2Page - Texas Instruments SN74HCS86 Datasheet HTML 3Page - Texas Instruments SN74HCS86 Datasheet HTML 4Page - Texas Instruments SN74HCS86 Datasheet HTML 5Page - Texas Instruments SN74HCS86 Datasheet HTML 6Page - Texas Instruments SN74HCS86 Datasheet HTML 7Page - Texas Instruments SN74HCS86 Datasheet HTML 8Page - Texas Instruments SN74HCS86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
Pin Functions.................................................................... 3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information ...................................................5
6.5 Electrical Characteristics ............................................5
6.6 Switching Characteristics ...........................................6
6.7 Typical Characteristics................................................ 6
7 Parameter Measurement Information............................ 7
8 Detailed Description........................................................8
8.1 Overview..................................................................... 8
8.2 Functional Block Diagram........................................... 8
8.3 Feature Description.....................................................8
8.4 Device Functional Modes............................................9
9 Application and Implementation.................................. 10
9.1 Application Information............................................. 10
9.2 Typical Application.................................................... 10
10 Power Supply Recommendations..............................13
11 Layout........................................................................... 13
11.1 Layout Guidelines................................................... 13
11.2 Layout Example...................................................... 13
12 Device and Documentation Support..........................14
12.1 Documentation Support.......................................... 14
12.2 Receiving Notification of Documentation Updates..14
12.3 Support Resources................................................. 14
12.4 Trademarks.............................................................14
12.5 Electrostatic Discharge Caution..............................14
12.6 Glossary..................................................................14
13 Mechanical, Packaging, and Orderable
Information.................................................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (May 2020) to Revision B (January 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added BQA package information to the Device Information table......................................................................1
• Added BQA package information to Pin Configuration and Functions .............................................................. 3
• Added BQA package information to Thermal Information table......................................................................... 5
Changes from Revision * (January 2020) to Revision A (May 2020)
Page
• Added D package to Device Information table................................................................................................... 1
• Added D package information to Pin Configuration and Functions ................................................................... 3
• Added D package column to Thermal Information table.....................................................................................5
SN74HCS86
SCLS783B – JANUARY 2020 – REVISED JANUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com